Electronic Components Datasheet Search
  English  ▼

X  

SP6686ER Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6686ER
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6686ER Datasheet(HTML) 4 Page - Sipex Corporation

  SP6686ER Datasheet HTML 1Page - Sipex Corporation SP6686ER Datasheet HTML 2Page - Sipex Corporation SP6686ER Datasheet HTML 3Page - Sipex Corporation SP6686ER Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
TABLE1: SP6686EB LIST OF MATERIALS
Part Reference
Part Number
Value
Size
Manufacturers/ Website
U1
SP6686ER
3x3mm DFN - 10 pin
Sipex/www.sipex.cpm
CIN
GRM188R60J475KE19D
4.7uF/6.3V
0603/X5R/0.9mm ht
Murata/www.murata.com
CF
GRM155R60J105KE19B
0.47uF/6.3V
0402/X5R/0.5mm ht
Murata/www.murata.com
COUT
GRM188R60J225KE19D
2.2uF/6.3V
0603/X5R/0.9mm ht
Murata/www.murata.com
Rohm www.rohm.com
Cyntec www.cyntec.com
RSENSE
-
0.33ohms
0603
Cyntec www.cyntec.com
RSET
-
106K
0402
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6686EB............................. ……-40
°C to +85°C...................SP6686EB Evaluation Board
SP6686ER.....................................-40
°C to +85°C...................................... 10-pin 3x3 DFN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com