Electronic Components Datasheet Search
  English  ▼

X  

SAA7103 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SAA7103
Description  Digital video encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7103 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SAA7103 Datasheet HTML 35Page - NXP Semiconductors SAA7103 Datasheet HTML 36Page - NXP Semiconductors SAA7103 Datasheet HTML 37Page - NXP Semiconductors SAA7103 Datasheet HTML 38Page - NXP Semiconductors SAA7103 Datasheet HTML 39Page - NXP Semiconductors SAA7103 Datasheet HTML 40Page - NXP Semiconductors SAA7103 Datasheet HTML 41Page - NXP Semiconductors SAA7103 Datasheet HTML 42Page - NXP Semiconductors SAA7103 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
First active line
7A
FAL7
FAL6
FAL5
FAL4
FAL3
FAL2
FAL1
FAL0
Last active line
7B
LAL7
LAL6
LAL5
LAL4
LAL3
LAL2
LAL1
LAL0
TTX mode, MSB vertical
7C
TTX60
LAL8
(1)
FAL8
TTXEVE8
TTXOVE8
TTXEVS8
TTXOVS8
Null
7D
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
Disable TTX line
7E
LINE12
LINE11
LINE10
LINE9
LINE8
LINE7
LINE6
LINE5
Disable TTX line
7F
LINE20
LINE19
LINE18
LINE17
LINE16
LINE15
LINE14
LINE13
FIFO status (read only)
80
(1)
(1)
(1)
(1)
(1)
(1)
OVFL
UDFL
Pixel clock 0
81
PCL07
PCL06
PCL05
PCL04
PCL03
PCL02
PCL01
PCL00
Pixel clock 1
82
PCL15
PCL14
PCL13
PCL12
PCL11
PCL10
PCL09
PCL08
Pixel clock 2
83
PCL23
PCL22
PCL21
PCL20
PCL19
PCL18
PCL17
PCL16
Null
84 to 8F
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
Horizontal offset
90
XOFS7
XOFS6
XOFS5
XOFS4
XOFS3
XOFS2
XOFS1
XOFS0
Pixel number
91
XPIX7
XPIX6
XPIX5
XPIX4
XPIX3
XPIX2
XPIX1
XPIX0
Vertical offset odd
92
YOFSO7
YOFSO6
YOFSO5
YOFSO4
YOFSO3
YOFSO2
YOFSO1
YOFSO0
Vertical offset even
93
YOFSE7
YOFSE6
YOFSE5
YOFSE4
YOFSE3
YOFSE2
YOFSE1
YOFSE0
MSBs
94
YOFSE9
YOFSE8
YOFSO9
YOFSO8
XPIX9
XPIX8
XOFS9
XOFS8
Line number
95
YPIX7
YPIX6
YPIX5
YPIX4
YPIX3
YPIX2
YPIX1
YPIX0
Scaler CTRL, MCB YPIX
96
EFS
PCBN
SLAVE
ILC
YFIL
HSL
YPIX9
YPIX8
Sync control
97
HFS
VFS
OFS
PFS
OVS
PVS
OHS
PHS
Line length
98
HLEN7
HLEN6
HLEN5
HLEN4
HLEN3
HLEN2
HLEN1
HLEN0
Input delay, MSB line length
99
IDEL3
IDEL2
IDEL1
IDEL0
(1)
HLEN10
HLEN9
HLEN8
Horizontal increment
9A
XINC7
XINC6
XINC5
XINC4
XINC3
XINC2
XINC1
XINC0
Vertical increment
9B
YINC7
YINC6
YINC5
YINC4
YINC3
YINC2
YINC1
YINC0
MSBs vertical and horizontal
increment
9C
YINC11
YINC10
YINC9
YINC8
XINC11
XINC10
XINC9
XINC8
Weighting factor odd
9D
YIWGTO7
YIWGTO6
YIWGTO5
YIWGTO4
YIWGTO3
YIWGTO2
YIWGTO1
YIWGTO0
Weighting factor even
9E
YIWGTE7
YIWGTE6
YIWGTE5
YIWGTE4
YIWGTE3
YIWGTE2
YIWGTE1
YIWGTE0
Weighting factor MSB
9F
YIWGTE11 YIWGTE10
YIWGTE9
YIWGTE8
YIWGTO11 YIWGTO10
YIWGTO9
YIWGTO8
Vertical line skip
A0
YSKIP7
YSKIP6
YSKIP5
YSKIP4
YSKIP3
YSKIP2
YSKIP1
YSKIP0
Blank enable for NI-bypass,
vertical line skip MSB
A1
BLEN
(1)
(1)
(1)
YSKIP11
YSKIP10
YSKIP9
YSKIP8
Border colour Y
A2
BCY7
BCY6
BCY5
BCY4
BCY3
BCY2
BCY1
BCY0
REGISTER FUNCTION
SUB
ADDR.
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com