Electronic Components Datasheet Search
  English  ▼

X  

SP7618 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7618
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618 Datasheet(HTML) 6 Page - Sipex Corporation

  SP7618_06 Datasheet HTML 1Page - Sipex Corporation SP7618_06 Datasheet HTML 2Page - Sipex Corporation SP7618_06 Datasheet HTML 3Page - Sipex Corporation SP7618_06 Datasheet HTML 4Page - Sipex Corporation SP7618_06 Datasheet HTML 5Page - Sipex Corporation SP7618_06 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dec 7-06
SP7618 Evaluation Board Manual
© 2006 Sipex Corporation
Page 6 of 6
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP7618EB................................................... -40°C to +85°C........................................ SP7618 Evaluation Board
SP7618ER-L/TR...........................................-40°C to +85°C..............................Lead Free 8-pin DFN (2 x 3 mm)
/TR = Tape and Reel
Pack quantity is 3000 for DFN.
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Live Technical Chat:
http://www.geolink-group.com/sipex/
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA95035
tel: (408) 934-7500
fax: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com