Electronic Components Datasheet Search
  English  ▼

X  

SPX4041N Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX4041N
Description  Precision 1.24V Shunt Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041N Datasheet(HTML) 3 Page - Sipex Corporation

  SPX4041N Datasheet HTML 1Page - Sipex Corporation SPX4041N Datasheet HTML 2Page - Sipex Corporation SPX4041N Datasheet HTML 3Page - Sipex Corporation SPX4041N Datasheet HTML 4Page - Sipex Corporation SPX4041N Datasheet HTML 5Page - Sipex Corporation SPX4041N Datasheet HTML 6Page - Sipex Corporation SPX4041N Datasheet HTML 7Page - Sipex Corporation SPX4041N Datasheet HTML 8Page - Sipex Corporation SPX4041N Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Date: 11/29/04
SPX4041 Precision 1.24V Shunt Voltage Reference
© Copyright 2004 Sipex Corporation
3
Figure 3. Test Circuit for V
KA=VREF
Figure 4. High Current Operating Characteristics
Figure 5. Reference Voltage vs. Ambient Temperature
Figure 6. Low Current Operating Characteristics
VIN
VKA
IK
-2
-1
012
3
0
VKA - Cathode Voltage (V)
Temperature Range: 0
°C to 105°C
15.0
12.5
10.0
7.5
5.0
2.5
-2.5
-5.0
-7.5
-10.0
1.24
TA - Ambient Temperature (°C)
-60
IK = 10mA
1.20
1.21
1.22
1.23
1.24
1.25
1.26
-30
0
30
60
90
900
800
700
600
500
400
300
200
100
0
-100
-200
-1.0
0
=
105 °C
25 °C
-0 °C
VKA = VREF
Temperature Range: 0
°C to 105°C
VKA - Cathode Voltage (V)
-0.5
0.25
0.5
0.75
1.0
1.25
1.5
1.24
Figure 7. Noise Voltage vs Frequency
Figure 8. Low Frequency Dynamic Ouput Impedance
vs T
A
20
10
10
100
1 k
10 k
100 k
0
70
30
40
50
60
-60
-30
0
3060
90
120
0.0
0.025
0.050
0.075
0.100
0.125
0.150
f - Frequency (Hz)
TA - Free Air Temperature
IK = 10mA
TA = 25°C
IKA = 160µA to 15mA
f
≤ 1kHz
∫∫
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com