Electronic Components Datasheet Search
  English  ▼

X  

SPX5205M5 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX5205M5
Description  150mA, Low-Noise LDO Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX5205M5 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX5205M5 Datasheet HTML 1Page - Sipex Corporation SPX5205M5 Datasheet HTML 2Page - Sipex Corporation SPX5205M5 Datasheet HTML 3Page - Sipex Corporation SPX5205M5 Datasheet HTML 4Page - Sipex Corporation SPX5205M5 Datasheet HTML 5Page - Sipex Corporation SPX5205M5 Datasheet HTML 6Page - Sipex Corporation SPX5205M5 Datasheet HTML 7Page - Sipex Corporation SPX5205M5 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Date:12/
18/04
SPX5205 150mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
Ground Current in Dropout vs Temperature
Output Voltage vs Temperature
ENABLE Voltage, ON threshold vs Input Voltage
Output Noise vs. Bypass Capacitor Value
2.30
2.20
2.10
2.00
1.90
1.80
1.70
1.60
1.50
1.40
-40
-20
0
20
40
60
80 100 120
Temperature (°C)
VOUT= 3.3V
VIN= 4.3V
CL= 1.0µF
IL = 150mA
1.60
1.50
1.40
1.30
1.20
1.10
1.00
0.90
0.80
46
8
10
12
14
16
VIN (V)
VOUT =3.3V
CL= 1.0µA
IL = 100µA
3.400
3.380
3.360
3.340
3.320
3.300
3.280
3.260
3.240
3.220
3.200
-40
-20
0
20
40
60
80 100 120
Temperature (°C)
VOUT= 3.3V
VIN= 4.3V
CL= 1.0µF
TYPICAL PERFORMANCE CHARACTERISTICS
0
50
100
150
200
250
300
350
110
100
1000
10000
100000 1000000
Bypass Cap (pF)
Cin = 1uFT,
Cout = 1uFT
Cin = 1uFT,
Cout = 2.2uFT
Cin = 1uFT
Cout = 10uFT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com