Electronic Components Datasheet Search
  English  ▼

X  

CAT24C02 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT24C02
Description  EEPROM Serial 2/4/8/16Kb I2C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C02 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT24C02 Datasheet HTML 1Page - ON Semiconductor CAT24C02 Datasheet HTML 2Page - ON Semiconductor CAT24C02 Datasheet HTML 3Page - ON Semiconductor CAT24C02 Datasheet HTML 4Page - ON Semiconductor CAT24C02 Datasheet HTML 5Page - ON Semiconductor CAT24C02 Datasheet HTML 6Page - ON Semiconductor CAT24C02 Datasheet HTML 7Page - ON Semiconductor CAT24C02 Datasheet HTML 8Page - ON Semiconductor CAT24C02 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2016
July, 2022 − Rev. 36
1
Publication Order Number:
CAT24C01/D
EEPROM Serial
2/4/8/16Kb I2C
CAT24C02, CAT24C04,
CAT24C08, CAT24C16
Description
The CAT24C02/04/08/16 are 2−Kb, 4−Kb, 8−Kb and 16−Kb
respectively I2C Serial EEPROM devices organized internally as
16/32/64 and 128 pages respectively of 16 bytes each. All devices
support both the Standard (100 kHz) as well as Fast (400 kHz) I2C
protocol.
Data is written by providing a starting address, then loading 1 to 16
contiguous bytes into a Page Write Buffer, and then writing all data to
non−volatile memory in one internal write cycle. Data is read by
providing a starting address and then shifting out data serially while
automatically incrementing the internal address count.
External address pins make it possible to address up to eight
CAT24C02, four CAT24C04, two CAT24C08 and one CAT24C16
device on the same bus.
Features
• Supports Standard and Fast I2C Protocol
• 1.7 V to 5.5 V Supply Voltage Range
• 16−Byte Page Write Buffer
• Hardware Write Protection for Entire Memory
• Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
• Low power CMOS Technology
• More than 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial and Extended Temperature Range
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
This document contains information on some products that are still under development.
onsemi reserves the right to change or discontinue these products without notice.
SOIC−8
W SUFFIX
CASE 751BD
TSOT−23
TD SUFFIX
CASE 419AE
TSSOP−8
Y SUFFIX
CASE 948AL
UDFN8−EP
HU4 SUFFIX
CASE 517AZ
WLCSP−4**
C4A SUFFIX
CASE 567DC
WLCSP−5**
C5A SUFFIX
CASE 567DD
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
WLCSP−4**
C4U SUFFIX
CASE 567NX
For serial EEPROM in the US8 package, please
consult the N24C02 datasheet
** WLCSP are available for the CAT24C04,
CAT24C08 and CAT24C16 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com