Electronic Components Datasheet Search
  English  ▼

X  

UL1007 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UL1007
Description  UL1007/UL1569 – 20AWG PVC Equipment Wire 100m, 305m reel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UL1007 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UL1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.1
16/10/14
UL1007/UL1569 – 20AWG PVC Equipment Wire
100m, 305m reel
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Colour
Reel
Length (m) Part Number
20AWG 10/30 UL1007/1569
Black
100
PP000153
Red
PP000154
Blue
305
PP000155
Red
PP000156
Part Number Table
Electrical Characteristics:
Max. Conductor DC Resistance at 20°C (Ω/Km)
: 36.7
Rated Temperature
AWM/Style 1007
: 80°C
AWM/Style 1569
: 105°C
Rated Voltage (V)
: 300
20°C Insulation Resistance(MΩ.KM)
: >200
Diagram:
Product Code: UL1007/UL1569 – 20AWG PVC
Product Description:
Application
Internal wiring of appliances where exposed to oil at temperature not
exceeding 60°C.
Multi-construction
• Single
Construction:
Conductor Material
: Tinned copper
Conductor AWG
: 20
Conductor Construction
: T0.25±0.008x10 (10×30AWG)
Conductor Stranded Dia.(mm)
: 0.94
Jacket Material
: PVC
Jacket Nom. Thickness
: 0.41
Jacket Dia.(mm)
: 1.76±0.08
Jacket Colour
: See Table Below
Packaging
• 100M/305M reel


Similar Part No. - UL1007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL1007 ETC-UL1007 Datasheet
64Kb / 1P
UL1007 Hook Up Wire Stranded or Solid
1/27/20
UL1007 ETC-UL1007 Datasheet
146Kb / 1P
UL1007/UL1569 – 24AWG PVC Equipment Wire 100m, 305m reel
16/10/14 V1.1
UL1007 ETC-UL1007 Datasheet
147Kb / 1P
UL1007/UL1569 – 22AWG PVC Equipment Wire 100m, 305m reel
16/10/14 V1.1
UL1007 ETC-UL1007 Datasheet
138Kb / 1P
UL1007/UL1569 – 18AWG PVC Equipment Wire 100m, 305m reel
16/10/14 V1.1
logo
Pro-Power
UL1007 PROPOWER-UL1007 Datasheet
253Kb / 3P
UL1007 Style Stranded Hook-Up Wire
V1.0 26/12/18
More results

Similar Description - UL1007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001185 ETC2-PP001185 Datasheet
445Kb / 9P
Tri-Rated Flexible PVC Equipment Wire
logo
Molex Electronics Ltd.
2037026500 MOLEX-2037026500 Datasheet
42Kb / 1P
FineAdjust Applicator for Mini-Fit MAX Receptacle Crimp Terminal, 14 AWG (UL1007/UL1569) Wire
logo
PHOENIX CONTACT
1404906 PHOENIX-1404906 Datasheet
78Kb / 5P
Flat-ribbon conductor - VS-ASI-FC-PVC-UL-YE 100M
09/11/2020
1441545 PHOENIX-1441545 Datasheet
89Kb / 5P
Cable reel - SAC-17P-100,0-PVC/0,14
09/11/2020
1501841 PHOENIX-1501841 Datasheet
79Kb / 5P
Cable reel - SAC-5P-100,0-PVC/0,34
09/11/2020
logo
Molex Electronics Ltd.
2037023200 MOLEX-2037023200 Datasheet
43Kb / 2P
FineAdjust Applicator for Nano-Fit Wire-to-Wire Plug Terminals, 24-26 AWG, UL1007 Wire
11/02/2021
2037026500 MOLEX-2037026500_V01 Datasheet
42Kb / 1P
FineAdjust Applicator for Mini-Fit MAX Receptacle Crimp Terminal, 14 AWG (UL1007/ UL1569) Wire
04/25/2022
logo
List of Unclassifed Man...
UL1007 ETC-UL1007 Datasheet
64Kb / 1P
UL1007 Hook Up Wire Stranded or Solid
1/27/20
logo
Molex Electronics Ltd.
0639039900 MOLEX-0639039900 Datasheet
33Kb / 1P
FineAdjust Applicator for EdgeLock Crimp Terminal, 24 AWG, UL1007 wire
08/25/2022
2002181300 MOLEX-2002181300 Datasheet
20Kb / 1P
Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1007 / UL1569 Wire
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com