Electronic Components Datasheet Search
  English  ▼

X  

PEL12D Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PEL12D
Description  12 mm Encoder with Switch and Illuminated Shaft
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEL12D Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PEL12D Datasheet HTML 1Page - Bourns Electronic Solutions PEL12D Datasheet HTML 2Page - Bourns Electronic Solutions PEL12D Datasheet HTML 3Page - Bourns Electronic Solutions PEL12D Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
REV. 03/15
Notes:
Reverse Current:
10
μA
Reverse Voltage:
5 VDC
Test Condition (IF):
20 mA
PEL12D - 12 mm Encoder with Switch and Illuminated Shaft
LED Characteristics (Dual)
LED Color
Power
Dissipation
(mW)
DC
Forward
Current
(mA)
Forward Voltage (V)
Typ.
Max.
Blue/
Orange
Blue
105
30
3.3
4.0
Orange
75
30
2.1
2.5
Green/
Red
Green
120
30
3.2
4.0
Red
75
30
1.95
2.5
Blue/
Green
Blue
120
30
3.3
4.0
Green
120
30
3.2
4.0
Red/
Green
Red
75
30
1.95
2.5
Green
120
30
3.2
4.0
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390
Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
Code
Color
Terminals
1
Blue / Orange
➀ ➁ / ➀ ➂
2
Green / Red
➀ ➁ / ➀ ➂
3
Blue / Green
➀ ➁ / ➀ ➂
LED Terminal Decoder
Product Dimensions
PEL12D-4xxxT-Sxxxx (Horizontal Mount w/Dual LED & Switch, Knurled Shaft w/Bushing)
PEL12D-4xxxG-Sxxxx (Horizontal Mount w/Dual LED & Switch, Flatted Shaft w/Bushing)
0.3
(.012)
6.0
(.236)
DIA.
18 TEETH
7.0
(.276)
7.0
(.276)
5.0
(.199)
L2
L1
LM
M9 X
0.75
(.030)
M9 X
0.75
(.030)
7.5
(.295)
17.5
(.689)
25.0
(.984)
DIMENSIONS:
MM
(INCHES)
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
Quadrature Output Table
A Signal
CW
D
ON
OFF
B Signal
CCW
Suggested Filter Circuit
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01
μF
0.01
μF
ENCODER
L2
L1
LM
5
(.197)
11
(.433)
18.5
(.728)
7
(.276)
13.5
(.532)
21
(.827)
12
(.472)
18.5
(.728)
26
(1.024)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com