Electronic Components Datasheet Search
  English  ▼

X  

PTB Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTB
Description  Low Profi le Slide Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTB Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTB Datasheet HTML 1Page - Bourns Electronic Solutions PTB Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PTB Series - Low Profile Slide Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
REV. 01/14
3
1
2
PTB01
11.25
(.442)
82.5
(3.24)
2 - M3 x 0.5
16.0
(.629)
13
128.0
(5.03)
120.0
(4.72)
3.75
(.147)
DIA. HOLES
2 PLCS.
2.0
+0.2
-0.0
(.078
)
+0.007
-0.0
DIA. HOLES
6 PLCS.
3.1
+0.2
-0.0
(.122
)
+0.007
-0.0
Numbers 1 , 2 and 3 for Dual Gang Versions
1
2
3
TRAVEL
127.5
(5.01)
L
8.0
(.314)
4.0
(.157)
100.0
(3.93)
127.5
(5.01)
How To Order
PTB 01 4 3 - 2 0 10 BP A 102
Model
Stroke Length
• 45 = 45 mm
• 60 = 60 mm
• 01 = 100 mm
Dust Cover Option
• 4 =
No Dust Cover
• 5 =
Rubber
Dust Cover
No. of Gangs
• 3 = Single Gang
• 4 = Dual Gang
Pin Style
• 2 = PC Pins Down Facing
No Detent
Standard Lever Length
• 10 = 10 mm
Lever Style
• BP = Metal Lever (Refer to Drawing)
• AP = Metal Lever (Refer to Drawing)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Resistance Code (See Table)
Other styles available.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
Applications
■ Audio/TV sets
■ Car radio
■ Amplifiers/mixers/drum machines/synthesizers
■ PCs/monitors
■ Appliances



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com