Electronic Components Datasheet Search
  English  ▼

X  

1501331 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 1501331
Description  Safety module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1501331 Datasheet(HTML) 2 Page - Festo Corporation.

  1501331 Datasheet HTML 1Page - Festo Corporation. 1501331 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Performance Level (PL)
Safe brake control (SBC)/category 4, performance level e
Safely limited speed (SLS)/category 3, performance level e
Safe operating stop (SOS)/category 3, performance level e
Safe stop 1 (SS1)/category 3, performance level e
Safe stop 2 (SS2)/category 3, performance level e
Safe speed monitor (SSM)/category 3, performance level e
Safe speed range (SSR)/category 3, performance level e
Safe torque off (STO)/category 4, performance level e
Diagnostic coverage
97.5 %
Certified for safety functions to ISO 13849 (PL)
Product can be used in safety-related parts of control systems up to
category 4, PL e
Certification
German Technical Control Board (TÜV)
CE marking (see declaration of conformity)
As per EU EMC directive
as per EU machinery directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK instructions for machines
To UK RoHS instructions
Certificate issuing authority
German Technical Control Board (TÜV) Rheinland 01/205/5165.02/19
TÜV Rheinland UK Ltd. 01/205U/5165.00/22
LABS (PWIS) conformity
VDMA24364 zone III
Storage temperature
-25 °C ... 55 °C
Relative air humidity
5 - 90 %
Non-condensing
Degree of protection
IP20
In mounted state
Ambient temperature
0 °C ... 40 °C
Product weight
220 g
Type of mounting
Plug-in module for CMMP-AS...-M3
Note on materials
RoHS-compliant
Mounting position
Any
Wire ends
Cable end sleeve
Connection cross section
0.25 mm² ... 0.5 mm²
Electrical connection
Screw terminal
Plug, straight
Display
LED green/yellow/red
Control elements
DIL switch
Logic input specification
IEC 61131-2, type 3
Characteristics of logic input
4 safe 2-channel inputs, equivalent/antivalent switching, test pulses
configurable, function configurable
6 safe, 1-channel inputs, test pulses configurable
Work range of logic input
13 V ... 28.8 V
Max. nominal input current
0.015 A
Debounce time at inputs
0.3 ms
Current rating per output
50 mA
Max. current of digital logic outputs
50 mA
Fuse protection for outputs
Short-circuit and cross-circuit monitoring
Minimum cycle time
2 ms
Parameterization
Via SafetyTool
7/21/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com