Electronic Components Datasheet Search
  English  ▼

X  

DSLSW Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # DSLSW
Description  HyperLink Wireless brand Differential Data Line Phone/DSL Lightning Surge Protector -
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DSLSW Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  DSLSW Datasheet HTML 1Page - Infinite Electronics International, Inc. DSLSW Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Specifications
Mechanical Specifications
Enclosure Material
Polycarbonate
Enclosure Color
Gray
Grounding Lug
(2) 12 AWG Max.
Operating Temperature
-40 C (-40 F) to +80 C (+176 F)
Weight
.40 lb. (.18 kg)
Dimensions
4.75 x 4.06 x 2.81 (inches)
120.6 x 103.1 x 71.3 (mm)
RoHS Compliant
Yes
Electrical Specifications
Connectors
(2) Screw Terminal Block
Pinout
Line 1: Pins 1 / 2
Line 2: Pins 4 / 5
Stage 1 Clamping Voltage
± 230 volts
Stage 2 Resistance
3.3 Ohms
Stage 3 Clamping Voltage
± 170 volts
Guaranteed Quality
This product is backed by L-com's Limited Warranty.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com