Electronic Components Datasheet Search
  English  ▼

X  

1605607 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1605607
Description  SF-7ES1N8A8LB2 - Cable connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1605607 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1605607 Datasheet HTML 1Page - PHOENIX CONTACT 1605607 Datasheet HTML 2Page - PHOENIX CONTACT 1605607 Datasheet HTML 3Page - PHOENIX CONTACT 1605607 Datasheet HTML 4Page - PHOENIX CONTACT 1605607 Datasheet HTML 5Page - PHOENIX CONTACT 1605607 Datasheet HTML 6Page - PHOENIX CONTACT 1605607 Datasheet HTML 7Page - PHOENIX CONTACT 1605607 Datasheet HTML 8Page - PHOENIX CONTACT 1605607 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
warnings (e.g. DIN EN ISO 13732-1:2008-12).
Product properties
Product type
Circular connector (cable-side)
Series
SF
Application
Power
Number of positions
8
Connection profile
4+3+PE
Shielded
yes
Coding
N
Thread type
M23
Material specifications
Seal material
FPM
Housing material
Metal
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-
Zn)
Insulator material
PA 6.6
Gasket and O-ring material
FPM
Connection data
Conductor connection
Connection method
Crimp connection
Electrical properties
Contact
Contact diameter
2 mm
Max. current
30 A
Nominal voltage UN
630 V
Overvoltage category
III
Degree of pollution
3
Rated surge voltage
6 kV
Contact
Contact diameter
1 mm
Max. current
9 A
Nominal voltage UN
250 V
Overvoltage category
III
Degree of pollution
3
Rated surge voltage
4 kV
Connector
Type
straight long
Connection 1
SF-7ES1N8A8LB2 - Cable connector
1605607
https://www.phoenixcontact.com/us/products/1605607
Jul 2, 2024, 5:19 AM
Page 3 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com