Electronic Components Datasheet Search
  English  ▼

X  

1694567 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1694567
Description  SAC-3P-M12MS/ 0,6-PUR/M12FR-2L - Sensor/actuator cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1694567 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1694567 Datasheet HTML 1Page - PHOENIX CONTACT 1694567 Datasheet HTML 2Page - PHOENIX CONTACT 1694567 Datasheet HTML 3Page - PHOENIX CONTACT 1694567 Datasheet HTML 4Page - PHOENIX CONTACT 1694567 Datasheet HTML 5Page - PHOENIX CONTACT 1694567 Datasheet HTML 6Page - PHOENIX CONTACT 1694567 Datasheet HTML 7Page - PHOENIX CONTACT 1694567 Datasheet HTML 8Page - PHOENIX CONTACT 1694567 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, Plug straight M12,
coding: A, with 2 LEDs, on Socket angled M12, coding: A, with 2 LEDs, cable length: 0.6 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Convenient: increased machine availability thanks to quick and easy diagnostics
•
Commercial data
Item number
1694567
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CBA
Catalog page
Page 188 (C-2-2019)
GTIN
4017918178437
Weight per piece (including packing)
32.5 g
Weight per piece (excluding packing)
32.5 g
Customs tariff number
85444290
Country of origin
PL
SAC-3P-M12MS/ 0,6-PUR/M12FR-2L -
Sensor/actuator cable
1694567
https://www.phoenixcontact.com/us/products/1694567
Jul 2, 2024, 5:16 AM
Page 1 (17)


Similar Part No. - 1694567

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1694509 PHOENIX-1694509 Datasheet
549Kb / 18P
SAC-3P- 1,5-PUR/M12FR - Sensor/actuator cable
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
1694525 PHOENIX-1694525 Datasheet
555Kb / 18P
SAC-3P- 5,0-PUR/M12FR - Sensor/actuator cable
logo
Adels-Contact
169453 ADELS-169453 Datasheet
115Kb / 1P
AC 166 VSE white
12/11/2019
logo
PHOENIX CONTACT
1694538 PHOENIX-1694538 Datasheet
555Kb / 18P
SAC-3P-10,0-PUR/M12FR - Sensor/actuator cable
More results

Similar Description - 1694567

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400769 PHOENIX-1400769 Datasheet
91Kb / 4P
Sensor/Actuator cable - SAC-3P-M12MS/0,6-PUR/A-1LZ
1400773 PHOENIX-1400773 Datasheet
89Kb / 4P
Sensor/Actuator cable - SAC-3P-M12MS/0,6-PUR/BI-1LZ
1400777 PHOENIX-1400777 Datasheet
45Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MS/0,6-PUR/B-1L-Z
1400785 PHOENIX-1400785 Datasheet
47Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MS/0,6-PUR/C-1LZ
1439573 PHOENIX-1439573 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/0,6-PUR/AD-2L
1681059 PHOENIX-1681059 Datasheet
118Kb / 9P
Sensor/Actuator cable - SAC-3P-10,0-PUR/M12FR-2L B
1562482 PHOENIX-1562482 Datasheet
89Kb / 5P
Sensor/actuator cable - SAC-3P-M12Y/2X3,0-PUR/M12FR-2L
12/06/2018
1693403 PHOENIX-1693403 Datasheet
157Kb / 12P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M12FR-2L
09/11/2020
1694402 PHOENIX-1694402 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR-2L
09/11/2020
1698039 PHOENIX-1698039 Datasheet
84Kb / 5P
Sensor/actuator cable - SAC-3P-M12MS/ 1,0-PUR/M12FR-2L
12/07/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com