Electronic Components Datasheet Search
  English  ▼

X  

B32320 Datasheet(PDF) 2 Page - EPCOS

Part # B32320
Description  AC Film Capacitors Motor Run
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32320 Datasheet(HTML) 2 Page - EPCOS

  B32320 Datasheet HTML 1Page - EPCOS B32320 Datasheet HTML 2Page - EPCOS B32320 Datasheet HTML 3Page - EPCOS B32320 Datasheet HTML 4Page - EPCOS B32320 Datasheet HTML 5Page - EPCOS B32320 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC Film Capacitors
B 32 320
Motor Run
B 32 322
Issue No. 2
07/01
Page 2 of 6
Technical data (cont`d)
Test data
AC test voltage terminal to terminal UTT
2 x UN , 60 s
Insulation voltage terminals to case
2000 Vac
Insulation resistance Ris or time constant τ at 20°C
Rel. Humidity
≤ 65 °C (minimum value)
3000 s
Dissipation factor tan
δ at 20 °C
≤ 1,0 x 10
-3 (120 Hz)
Maximum rate of voltage rise du/dtmax
10 V/
µs
Climatic data
Climatic category
25/085/21
in accordance with IEC 60068-1
Lower category Tmin
-25 °C
Upper category Tmax
+85 °C
Damp heat test ttest
21 days
Permitted capacitance
∆C/C
≤ 3 %
Note :
1) It should be noted that presence of harmonics produces over voltage & over current on capacitors. Resonance may
cause serious damage to installation if a siginificant level of total harmonic distortion level exists for voltage or current.
In such cases, series reactors must be considered.
2) Operating temperature class: In accordance with the reference standards, these temperatures are those measured on
the surface on the capacitor
Approved marks
(1) Currently available from Icotron and EIPL.
(2) Only from Icotron
(3) Homologation in process to EIPL
EN 60252
250(2)(3), 400(1) and 450(1) Vac.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com