Electronic Components Datasheet Search
  English  ▼

X  

SPD0802 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD0802
Description  2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD0802 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD0802 Datasheet HTML 1Page - Solid States Devices, Inc SPD0802 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
µµµµµA
Reverse Leakage Current
(VR = Rated VR, TA = 25
oC, 300
µs min Pulse)
100
IR1
pF
40
Junction Capacitance
(VR = 10V, f = 1 MHz, TA = 25
oC)
CASE OUTLINE: AXIAL LEAD
Electrical Characteristics
SYMBOL
UNITS
MAX
VF1
VF2
VF3
0.73
0.85
0.95
Instantaneous Forward Voltage Drop
( TA = 25
oC, 300 - 500
µs Pulse)
VDC
SPD0802 and SMS
thru
SPD1002 and SMS
DIMENSIONS
DIM
MIN.
MAX.
A
0.155
0.185"
B
0.080
0.107"
C
1.00"
--
D
.028"
.032"
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
--
--
MIN
CJ
--
--
--
IF = 0.5A
IF = 1A
IF = 2A
DIM
MIN.
MAX.
A
0.200"
0.235"
B
0.125"
0.135"
C
0.020"
0.030"
D
0.002"
--
NOTES:
Consult manufacturing for operating curves.
CASE OUTLINE: SMS
Instantaneous Forward Voltage Drop
( IF = 1A, 300 - 500µs Pulse)
TA = -55
oC
TA = 100
oC
VF4
VF5
0.88
0.78
VDC
--
--
mA
Reverse Leakage Current
(VR = Rated VR, TA = 100
oC, 300
µs min Pulse)
2
IR2
--
DIMENSIONS
Dimensions prior to solderdip
Dimensions prior to solderdip



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com