Electronic Components Datasheet Search
  English  ▼

X  

K100 Datasheet(PDF) 1 Page - KG Technologies, Inc.

Part # K100
Description  100A Power Latching Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K100 Datasheet(HTML) 1 Page - KG Technologies, Inc.

  K100 Datasheet HTML 1Page - KG Technologies, Inc. K100 Datasheet HTML 2Page - KG Technologies, Inc. K100 Datasheet HTML 3Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Contact Data Click here for glossary of terms
Rated Load
100A 277Vac
Contact form
1A or 1B
Contact material
AgSnO
2
Max. switching voltage
440Vac
Max. switching current
100A
Max. switching power:
27,700VA (AC switching)
2,800W (DC switching)
Electrical endurance
10,000 cycles
Mechanical endurance
100,000 cycles
Characteristics Click here for glossary of terms
Insulation resistance
1,000 MΩ (at 500VDC)
Dielectric strength:
Coil to contact
4,000 Vac for 1 min.
Across open contacts
2,000 Vac for 1 min.
Dielectric creepage
≥8mm
Operating temperature
-40 to +85°C
Ambient humidity
98% RH, +40°C
Vibration
1.5mm (DA), 10 to 55 Hz
Shock resistance:
Functional*
30G
Destructive
100G
Termination
QC or PCB
Nominal Coil Voltage
Min. Operating Voltage
Max. Operating Voltage
Coil Resistance (Ω± 10%) at 23°C
Single Coil (Latching) Dual Coil (Latching)
6Vdc
4.8Vdc
7.2Vdc
16Ω
2 x 8Ω
12Vdc
9.6Vdc
14.4Vdc
60Ω
2 x 30Ω
24Vdc
19.2Vdc
28.8Vdc
250Ω
2 x 125Ω
48Vdc
38.4Vdc
57.6Vdc
1000Ω
2 x 500Ω
Coil Data Click here for glossary of terms
Single Coil (Latching)
Dual Coil (Latching)
Coil Consumption
2.4W
4.8W
Pulse Duration
Min. 50ms, 100ms to 200ms recommended
Min. 50ms, 100ms to 200ms recommended
* Unit may change state but is still functional.
KG Technologies, Inc. / Phone: +1.888.513.1874 / Fax: +1.888.511.3989 / Email: info@kgtechnologies.net / Web: www.kgtechnologies.net
102012
K100
World Class Switching Solutions for Energy Management
100A POweR LAtChiNg ReLAy
» 2mm contact gap
» UL Approval file number E178562
» VDE IEC 61810-1 Certified
» RoHS compliant
» Outline dimensions:
(60.0 x 40.0 x 21.0)mm


Similar Part No. - K100

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
K100 BANNER-K100 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
logo
Sensata Technologies, I...
K100 SENSATA-K100 Datasheet
539Kb / 4P
Platform Control System for rough terrain scissor lift
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 8P
Pro Daylight Visible Beacon – DC
May 26, 2023 Rev. F
K100 BANNER-K100 Datasheet
3Mb / 6P
Pro Indicator Beacon
May 26, 2023 Rev. E
More results

Similar Description - K100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Nais(Matsushita Electri...
ADQ13Q04H NAIS-ADQ13Q04H Datasheet
70Kb / 3P
30A POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE22 HONGFA-HFE22_17 Datasheet
75Kb / 4P
100A Latching relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com