Electronic Components Datasheet Search
  English  ▼

X  

2W005 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # 2W005
Description  2.0A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

2W005 Datasheet(HTML) 2 Page - Won-Top Electronics

  2W005_06 Datasheet HTML 1Page - Won-Top Electronics 2W005_06 Datasheet HTML 2Page - Won-Top Electronics 2W005_06 Datasheet HTML 3Page - Won-Top Electronics 2W005_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2W005 – 2W10
2 of 4
© 2006 Won-Top Electronics
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25C
Pulse width = 300s
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Pulse Width 8.3 ms
Single Half-Sine-Wave
(JEDEC Method)
60
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25C
f = 1mz
j
0.01
0.1
1.0
10
100
200
0
40
80
160
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
120
T = 100C
j
T = 25C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERATURE (C)
Fig. 1 Forward Current Derating Curve
A
2.0
Single phase half-sine-wave
60Hz resistive or inductive load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com