Electronic Components Datasheet Search
  English  ▼

X  

2W005 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 2W005
Description  2.0A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

2W005 Datasheet(HTML) 1 Page - Won-Top Electronics

  2W005 Datasheet HTML 1Page - Won-Top Electronics 2W005 Datasheet HTML 2Page - Won-Top Electronics 2W005 Datasheet HTML 3Page - Won-Top Electronics 2W005 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2W005 – 2W10
1 of 4
© 2006 Won-Top Electronics
Pb
2W005 – 2W10
2.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
+
~
~
-
!
Recognized File # E157705
                       
C
D
Mechanical Data
!
Case: RB-20, Molded Plastic
E
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
~
!
Polarity: As Marked on Body
!
Weight: 1.1 grams (approx.)
-
!
Mounting Position: Any
+
!
Marking: Type Number
G
!
Lead Free: For RoHS / Lead Free Version,
G
~
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
2W005
2W01
2W02
2W04
2W06
2W08
2W10
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 50°C
(Note 1)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage (per element)
@IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
WTE
POWER SEMICONDUCTORS
RB-20
Dim
Min
Max
A
8.60
9.40
B
6.90
7.40
C
27.9
—
D
25.4
—
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm


Similar Part No. - 2W005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W005 JGD-2W005 Datasheet
178Kb / 2P
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
2W005 SSE-2W005 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
2W005 BYTES-2W005 Datasheet
145Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
2W005 CHENYI-2W005 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - 2W005

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA20 SANYO-DBA20 Datasheet
42Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20 SANYO-DBF20 Datasheet
56Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200 WTE-KBP200_06 Datasheet
48Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
RB200 WTE-RB200_06 Datasheet
58Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA20 SANYO-DBA20_09 Datasheet
41Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20 SANYO-DBF20_00 Datasheet
24Kb / 3P
2.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
2.0A Single-Phase Bridge Rectifier
June, 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com