Electronic Components Datasheet Search
  English  ▼

X  

SSR1645C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1645C
Description  20 AMP 45 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1645C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1645C Datasheet HTML 1Page - Solid States Devices, Inc SSR1645C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SSR1645C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1645CAJ SSDI-SSR1645CAJ Datasheet
34Kb / 2P
16A 45 V SCHOTTKY RECTIFIER
SSR1645CTJ SSDI-SSR1645CTJ Datasheet
34Kb / 2P
16A 45 V SCHOTTKY RECTIFIER
More results

Similar Description - SSR1645C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1645G SSDI-SSR1645G Datasheet
198Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645 SSDI-SSR1645 Datasheet
200Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-59 SSDI-SSR1645-59 Datasheet
208Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645M SSDI-SSR1645M Datasheet
206Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645Z SSDI-SSR1645Z Datasheet
207Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR2045CT-28 SSDI-SSR2045CT-28 Datasheet
205Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR5825B SSDI-SSR5825B Datasheet
173Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRL2045CT MCC-MBRL2045CT Datasheet
407Kb / 3P
45 Volts 20 Amp Low Schottky Barrier Rectifier
SR302 MCC-SR302_13 Datasheet
254Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 45 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com