Electronic Components Datasheet Search
  English  ▼

X  

SSR4045CTM Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR4045CTM
Description  40 AMP 45VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR4045CTM Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR4045CTM Datasheet HTML 1Page - Solid States Devices, Inc SSR4045CTM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics 5/
SYMBOL
UNITS
MAX
Reverse Leakage Current
(Rated VR, TA = 25oC, 300µs pulse minimum )
IR2
mA
15
200
µµµµµA
IR1
Reverse Leakage Current
(Rated VR, TA = 100oC, 300µs pulse minimum )
Instantaneous Forward Voltage Drop
(IF = 10A, TA = -55oC, 300 - 500µsec pulse)
0.62
Vdc
VF4
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25°C)
CJ
800
pF
SOLID STATE DEVICES, INC.
SSR4045CTM
SSR4045CTZ
Instantaneous Forward Voltage Drop
(TA = 25oC, 300 - 500 µsec pulse)
Vdc
VF1
VF2
VF3
-
-
-
-
0.50
0.55
0.70
-
-
-
IF = 5A
IF = 10A
IF = 20A
MIN
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
CASE OUTLINE: TO-254Z (Suffix Z)
OPTIONAL LEAD BEND CONFIGURATION
SUFFIX MU & ZU
PIN ASSIGNMENT
PIN 2
PIN 3
Anode
PIN 1
FUNCTION
CODE
Cathode
Anode
Common Cathode
CT
CASE OUTLINE: TO-254 (Suffix M)
SUFFIX MD & ZD
Cathode
Anode
Cathode
Common Anode
CA
Anode
AC
Cathode
Doubler
D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com