Electronic Components Datasheet Search
  English  ▼

X  

30CPQ080PBF Datasheet(PDF) 2 Page - International Rectifier

Part # 30CPQ080PBF
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPQ080PBF Datasheet(HTML) 2 Page - International Rectifier

  30CPQ080PBF Datasheet HTML 1Page - International Rectifier 30CPQ080PBF Datasheet HTML 2Page - International Rectifier 30CPQ080PBF Datasheet HTML 3Page - International Rectifier 30CPQ080PBF Datasheet HTML 4Page - International Rectifier 30CPQ080PBF Datasheet HTML 5Page - International Rectifier 30CPQ080PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
30CPQ080PbF, 30CPQ100PbF
Bulletin PD-20786 rev. A 09/06
2
www.irf.com
I
F(AV) Max. Average Forward Current
30
A
50% duty cycle @ T
C = 140°C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
920
5μs Sine or 3μs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
240
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
7.50
mJ
T
J = 25 °C, IAS = 0.50 Amps, L = 60 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
0.50
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Part number
30CPQ080PbF
30CPQ100PbF
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
80
100
T
J
Max. Junction Temperature Range
-55 to 175
°C
T
stg
Max. Storage Temperature Range
-55 to 175
°C
R
thJC Max. Thermal Resistance Junction
2.20
°C/W DC operation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
1.10
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.24
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
6 (0.21)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
Case Style
TO-247AC(TO-3P) JEDEC
Device Marking
30CPQ080
30CPQ100
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
30CPQ... Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
Parameters
30CPQ... Units
Conditions
A
V
FM
Max. Forward Voltage Drop
0.86
V
@ 15A
(Per Leg) * See Fig. 1
(1)
1.05
V
@ 30A
0.67
V
@ 15A
0.81
V
@ 30A
I
RM
Max. Reverse Leakage Current
0.55
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
7
mA
T
J = 125 °C
C
T
Max. Junction Capacitance (Per Leg)
500
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
7.5
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated V
R)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
30CPQ... Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle <2%
Voltage Ratings
Electrical Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com