Electronic Components Datasheet Search
  English  ▼

X  

SSR8045CTP Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR8045CTP
Description  80A 45 V SCHOTTKY CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR8045CTP Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR8045CTP Datasheet HTML 1Page - Solid States Devices, Inc SSR8045CTP Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR8045 CT PA UB TX
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
│
│
│
│
│
│
│
│
│
│
└ Lead Bending: 3/
__
= Straight
UB = Up Bend
DB = Down Bend
│
│
└ Package: 3/
P
= TO-259, 60 mil pin
PA = TO-259, 40 mil pin
└ Configuration:
CT = Common Cathode
CA = Common Anode
D
= Doubler
DR = Doubler Reverse
SSR8045CTP
Series
80A 45 V
SCHOTTKY
CENTERTAP RECTIFIER
Features:
• Low Reverse Leakage
• Low Forward Voltage Drop
• Guard Ring for Overload Protection
• Isolated Hermetically Sealed Power Package
• Available with Ceramic Seals w/ 40 mil pin
• Custom Lead Forming Available
• Eutectic Die Attach
• 175ºC Operating Temperature
• TX, TXV, and S Level Screening Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage
VRRM
VRSM
VR
45
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
80
Amps
Peak Surge Current 4/
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
1200
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Case
Total
Per Leg
RθJE
0.5
1.0
ºC/W
TO-259 (P)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0065G
DOC


Similar Part No. - SSR8045CTP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR8045CT-3 SSDI-SSR8045CT-3 Datasheet
37Kb / 2P
80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CT/3 SSDI-SSR8045CT/3 Datasheet
37Kb / 2P
80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CTN SSDI-SSR8045CTN Datasheet
223Kb / 2P
80 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CTS1 SSDI-SSR8045CTS1 Datasheet
114Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTS2 SSDI-SSR8045CTS2 Datasheet
114Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
More results

Similar Description - SSR8045CTP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR4045CT-61 SSDI-SSR4045CT-61 Datasheet
209Kb / 2P
10 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CT-3 SSDI-SSR4045CT-3 Datasheet
42Kb / 2P
40 AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CTJ SSDI-SSR4045CTJ Datasheet
127Kb / 2P
30A 45 V SCHOTTKY CENTERTAP RECTIFIER
1N6660 SSDI-1N6660 Datasheet
175Kb / 2P
40 AMP, 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR8045CT-3 SSDI-SSR8045CT-3 Datasheet
37Kb / 2P
80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CTC SSDI-SSR4045CTC Datasheet
228Kb / 2P
40 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CTN SSDI-SSR8045CTN Datasheet
223Kb / 2P
80 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045CT-28 SSDI-SSR2045CT-28 Datasheet
205Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045CTG SSDI-SSR2045CTG Datasheet
196Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2040CT-5 SSDI-SSR2040CT-5 Datasheet
178Kb / 2P
7 AMP 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com