Electronic Components Datasheet Search
  English  ▼

X  

SSR2010CAJ Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR2010CAJ
Description  20 AMPS, 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR2010CAJ Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR2010CAJ Datasheet HTML 1Page - Solid States Devices, Inc SSR2010CAJ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR2010CTJ, SSR2010CAJ,
SSR2010DJ, & SSR2010DRJ
Series
Electrical Characteristic
5/
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(IF = 3 Adc, TA = 25
°C, 300µs Pulse)
(IF = 5 Adc, TA = 25
°C, 300µs Pulse)
(IF = 10 Adc, TA = 25
°C, 300µs Pulse)
VF1
VF2
VF3
0.72
0.76
0.88
Vdc
Instantaneous Forward Voltage Drop
(IF = 5 Adc, TA = -55
°C, 300µs Pulse)
VF4
0.85
Vdc
Reverse Leakage Current
(Rated VR, TA = 25
°C, 300µs Pulse Minimum)
IR1
100
µA
Reverse Leakage Current
(Rated VR, TA = 100
°C, 300µs Pulse Minimum)
IR2
5
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25
°C, f = 1 MHz)
CJ
400
pF
.180
.150
2x .180
.150
.200
MIN
.125
.110
1.100
.500
PIN 1
PIN 2
PIN 3
.200
MIN
SUFFIX: JD
SUFFIX: JU
SUFFIX: J
3x Ø.035
.025
.537
.527
.660
.645
.430
.410
.210
.190
.045
.035
Ø.150
.140
.420
.410
.105
.095
PIN ASSIGNMENT
CONFIGURATION
Pin 1
Pin 2
Pin 3
Common Cathode (CT)
Anode
Cathode
Anode
Common Anode (CA)
Cathode
Anode
Cathode
Doubler (D)
Cathode
AC
Anode
Doubler Reverse (DR)
Anode
AC
Cathode
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0073E
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com