Electronic Components Datasheet Search
  English  ▼

X  

SSR2008CTM Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR2008CTM
Description  20 AMPS 100 VOLTS CENTER TAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR2008CTM Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR2008CTM Datasheet HTML 1Page - Solid States Devices, Inc SSR2008CTM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0075F
DOC
ELECTRICAL CHARACTERISTICS 1/, 2/
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(300 - 500
µs Pulse)
IF = 1A
IF = 5A
IF = 10A
VF1
VF2
VF3
0.57
0.72
0.80
Volts
Instantaneous Forward Voltage Drop
(300 - 500
µs Pulse)
IF = 10A, TA = 100
°C
IF = 10A, TA = -55
°C,
VF4
VF5
0.70
0.90
Volts
Reverse Leakage Current
(300
µs pulse minimum)
VR = 100V, TA = 25
°C
VR = 100V, TC = 100
°C
IR1
IR2
100
5
µA
mA
Junction Capacitance
(VR = 10 V, f = 1MHz, TA = 25
°C)
CJ
400
pF
CASE OUTLINE: TO-254 (Suffix M)
CASE OUTLINE: TO-254Z (Suffix Z)
OPTIONAL LEAD BEND CONFIGURATION
SUFFIX MDB & ZDB
SUFFUX MUB & ZUB
PIN ASSIGNMENT
CODE
FUNCTION
PIN 1
PIN 2
PIN 3
CT
Common Cathode
Anode
Cathode
Anode
CA
Common Anode
Cathode
Anode
Cathode
D
Doubler
Cathode Common Anode
DR
Reverse Doubler
Anode Common Cathode
NOTE:
1/ All Electrical Characteristics @25°C, Unless Otherwise Specified.
2/ Per Leg.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR2008CTM, SSR2008CTZ
SSR2009CTM, SSR2009CTZ
SSR2010CTM, SSR2010CTZ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com