Electronic Components Datasheet Search
  English  ▼

X  

SDR1J Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR1J
Description  1.0 AMPS 200 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1J Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR1J Datasheet HTML 1Page - Solid States Devices, Inc SDR1J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR1
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
│
│
│
│
│
│
│
│
│
└ Family D = 200V
K = 800V
G = 400V
M = 1000V
J = 600V
N = 1200V
SDR1D thru SDR1N
1.0 AMPS
200 ─ 1200 VOLTS
50 – 80 nsec ULTRA FAST RECTIFIER
FEATURES:
•
Ultra Fast Recovery:
50-80 ns Max @ 25
°C 4/
80-130 ns Max @ 100
°C 4/
•
Single Chip Construction
•
PIV to 1200 Volts
•
Low Reverse Leakage Current
•
Hermetically Sealed
•
For High Efficiency Applications
•
Metallurgically Bonded
•
TX, TXV, and S-Level Screening Available
•
Available in Surface Mount (SM) and Square Tab
Surface Mount (SMS) Versions (Ref. RU0003)
• Hyper Fast Version available (Ref. RH0119)
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SDR1D
SDR1G
SDR1J
SDR1K
SDR1M
SDR1N
VRRM
VRWM
VR
200
400
600
800
1000
1200
Volts
Rectified Forward Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
IO
1
Amp
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TA = 25°C)
IFSM
25
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°
C
Thermal Resistance, Junction to Lead, L = 3/8”
RθJL
35
°
C/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
Axial Leaded
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0005F
DOC


Similar Part No. - SDR1J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1J SSDI-SDR1J Datasheet
125Kb / 2P
1 AMP ULTRA FAST RECOVERY RECTIFIER 50-1200 VOLTS
SDR1J SSDI-SDR1J Datasheet
152Kb / 2P
ULTRA FAST RECTIFIER
SDR1JHF SSDI-SDR1JHF Datasheet
72Kb / 2P
1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
SDR1JHF SSDI-SDR1JHF Datasheet
159Kb / 2P
1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
SDR1JHF SSDI-SDR1JHF Datasheet
108Kb / 2P
Hyper Fast Recovery Rectifier
More results

Similar Description - SDR1J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR680 SSDI-SDR680 Datasheet
213Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR1ASM SSDI-SDR1ASM Datasheet
161Kb / 2P
1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
SDR3A SSDI-SDR3A Datasheet
149Kb / 2P
3.0 AMPS 50 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
SDR936M SSDI-SDR936M Datasheet
42Kb / 2P
30 AMPS 600 - 900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR705 SSDI-SDR705 Datasheet
201Kb / 2P
70 AMP 50-200 VOLTS 50 nsec ULTRA FAST RECTIFIER
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SRS1D SSDI-SRS1D Datasheet
191Kb / 2P
1 AMP 200-1200 VOLTS 50-65 nsec ULTRA FAST RECTIFIER
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com