Electronic Components Datasheet Search
  English  ▼

X  

SDR805 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR805
Description  100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR805 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR805 Datasheet HTML 1Page - Solid States Devices, Inc SDR805 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
FEATURES:
100 AMP
50 - 1200 VOLTS
60 nsec
ULTRA FAST RECTIFIER
DO-5
SDR803
thru
SDR818
Maximum Ratings
50
100
150
200
250
300
350
400
500
600
700
800
900
1000
1100
1200
1000
800
700
600
Amps
100
Amps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VRRM
VRWM
VR
RΘ
Θ
Θ
Θ
ΘJC
0.85
Peak Repetitive Reverse and
DC Blocking Voltage @ 100
µA
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC)
Maximum Thermal Resistance
Junction to Case
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25
oC)
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0059F
• Ultra Fast Recovery: 60 nsec maximum.
• PIV to 1200 Volts.
• Low Forward Voltage Drop.
• Low Leakage Current.
• Hermetically Sealed.
• Single Chip Construction.
• For High Efficiency Applications.
• TX, TXV, and Space Level Screening Available
oC
-55 TO +175
TOP & TSTG
Operating and Storage Temperature
SDR803
SDR804
SDR805
SDR806
SDR807
SDR808
SDR809
SDR810
SDR811
SDR812
SDR813
SDR814
SDR815
SDR816
SDR817
SDR818
SDR803 - 806
SDR807 - 809
SDR810 - 814
SDR815 - 818
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - SDR805

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR805 SSDI-SDR805 Datasheet
103Kb / 2P
100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier
SDR805R SSDI-SDR805R Datasheet
103Kb / 2P
100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier
SDR805RS SSDI-SDR805RS Datasheet
103Kb / 2P
100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier
SDR805RTX SSDI-SDR805RTX Datasheet
103Kb / 2P
100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier
SDR805RTXV SSDI-SDR805RTXV Datasheet
103Kb / 2P
100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier
More results

Similar Description - SDR805

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1210UF SSDI-SDR1210UF Datasheet
218Kb / 2P
12 AMP 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR3A SSDI-SDR3A Datasheet
149Kb / 2P
3.0 AMPS 50 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR998CTN SSDI-SDR998CTN Datasheet
49Kb / 2P
100 AMP 800 -1200 Volts 80 nsec ULTRA FAST COMMON CATHODE RECTIFIER
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SRS1D SSDI-SRS1D Datasheet
191Kb / 2P
1 AMP 200-1200 VOLTS 50-65 nsec ULTRA FAST RECTIFIER
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR958 SSDI-SDR958_1 Datasheet
106Kb / 3P
50 AMP 800 -1200 Volts 100 nsec Ultrafast Recovery Rectifier
1N6690 SSDI-1N6690_1 Datasheet
94Kb / 2P
20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
SDR93761 SSDI-SDR93761 Datasheet
99Kb / 2P
30 Amp ULTRA FAST RECTIFIER 700 - 1200 Volt 60 nsec
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com