Electronic Components Datasheet Search
  English  ▼

X  

PQ2CF1 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ2CF1
Description  TO-220 Package, Step Up Output Chopper Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ2CF1 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ2CF1_01 Datasheet HTML 1Page - Sharp Corporation PQ2CF1_01 Datasheet HTML 2Page - Sharp Corporation PQ2CF1_01 Datasheet HTML 3Page - Sharp Corporation PQ2CF1_01 Datasheet HTML 4Page - Sharp Corporation PQ2CF1_01 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Chopper Regulators
PQ2CF1
Fig. 3 Overcurrent Protection Characteristics
Fig. 4 Efficiency vs. Input Voltage
Fig. 5 Reference Voltage Fluctuation vs.
Junction Temperature
Fig. 6 Load Regulation vs. Output current
0
0.5
1.5
1
3.5
2.5
3
2
10
15
5
0
VIN=5V
Vo=12V
CIN=100
µF
Co=470
µF
L=90
µH
Output current Io (A)
Output current Io (mA)
0
10
30
20
50
40
70
60
90
80
100
300
100
200
400
500
VIN=5V
Vo=12V
Junction temperature Tj (˚C)
–25
25
75
0
50
125
100
–1
–0.5
0
0.5
1
CIN=100
µF, Co=470µF
L=90
µH, VIN=5V
Vo=12V, Io=0.2A
C=0.47
µF, R=1kΩ
0
0.2
0.4
0.7
0.6
0.5
0.3
0.1
–0.5
0
–0.1
–0.2
–0.3
0.1
–0.4
0.5
0.4
0.3
0.2
CIN=100
µF, Co=470µF
L=90
µH, VIN=5V
Vo=12V, C=0.47
µF
R=1k
Ω
Output current Io (A)
Fig. 7 Line Regulation vs. Input Voltage
Fig. 8 Oscillation Frequency Fluctuation vs.
Junction Temperature
Input voltage VIN (V)
0
5
10
15
20
–0.5
1
0
0.5
CIN=100
µF, Co=470µF
L=90
µH, Io=0.2A,
C=0.47
µF, R=1kΩ
Vo=24V
Vo=12V
–25
25
75
0
50
125
100
–15
–10
–5
0
5
10
CIN=100
µF, Co=470µF
L=90
µH, VIN=5V
Vo=12V, Io=0.2A
C=1
µF, R=1kΩ
Junction temperature Tj (˚C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com