Electronic Components Datasheet Search
  English  ▼

X  

PQ3RF33 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ3RF33
Description  3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3RF33 Datasheet(HTML) 5 Page - Sharp Corporation

  PQ3RF33 Datasheet HTML 1Page - Sharp Corporation PQ3RF33 Datasheet HTML 2Page - Sharp Corporation PQ3RF33 Datasheet HTML 3Page - Sharp Corporation PQ3RF33 Datasheet HTML 4Page - Sharp Corporation PQ3RF33 Datasheet HTML 5Page - Sharp Corporation PQ3RF33 Datasheet HTML 6Page - Sharp Corporation PQ3RF33 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ3RF23/PQ3RF33
Fig.17 Ripple Rejection vs. Input Ripple
Frequency
Fig.19 Ripple Rejection vs. Output Current
Fig.18 Ripple Rejection vs. Input Ripple
Frequency
Fig.20 Ripple Rejection vs. Output Current
(PQ3RF23)
(PQ3RF33)
(PQ3RF23)
(PQ3RF33)
Junction temperature Tj (˚C)
IOP:Output current when
output voltage is 95%
in comparison with
the initial value
–25
0
2.0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
25
50
75
100
125
VIN=10V
VIN=7V
VIN=4.3V
VIN=3.8V
VIN=5V
Fig.21 Output Peak Current vs. Junction
Temperature
Fig.22 Output Peak Current vs. Junction
Temperature
(PQ3RF33)
(PQ3RF23)
–25
0
4.0
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
25
50
75
100
125
VIN=10V
VIN=7V
VIN=4.3V
VIN=3.8V
VIN=5V
IOP:Output current when
output voltage is 95% in
comparison with the initial value
Junction temperature Tj (˚C)
0.1
1
10
100
Input ripple frequency f (kHz)
0
10
20
30
40
50
60
70
80
ei(rms)=0.5V
IO=0.5A
VIN=5V
0.1
1
10
100
Input ripple frequency f (kHz)
0
10
20
30
40
50
60
70
80
ei(rms)=0.5V
IO=0.5A
VIN=5V
80
0
0.5
1
1.5
2
Output current IO (A)
40
50
60
70
ei(rms)=0.5V
f=120Hz
VIN=5V
1
80
03
2.5
2
1.5
0.5
30
40
50
60
70
ei(rms)=0.5V
f=120Hz
VIN=5V
Output current IO (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com