Electronic Components Datasheet Search
  English  ▼

X  

B32335 Datasheet(PDF) 7 Page - EPCOS

Part # B32335
Description  AC Film Capacitors Motor run
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32335 Datasheet(HTML) 7 Page - EPCOS

  B32335 Datasheet HTML 1Page - EPCOS B32335 Datasheet HTML 2Page - EPCOS B32335 Datasheet HTML 3Page - EPCOS B32335 Datasheet HTML 4Page - EPCOS B32335 Datasheet HTML 5Page - EPCOS B32335 Datasheet HTML 6Page - EPCOS B32335 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AC Film Capacitors
B 32335
Motor run
Issue No. 2
07/01
Page 7 of 7
UN
[Vac]
CN
[
µF]
Max. dimensions
d x l [mm]
Ordering code
B32335-*
Packing units
440
15+2
53 x 68
5020-+0
**
32
15+5
53 x 80
5023-+0**
32
17,5+3
53 x 80
5130-+0**
32
20+1,5
53 x 80
5108-+0**
32
20+2
53 x 80
5027-+0
**
32
20+3
53 x 80
5028-+0
**
32
20+4
53 x 80
5050-+0
**
32
20+5
53 x 80
5029-+0
**
32
22+5
53 x 80
5030-+0
**
32
25+1,5
53 x 80
5109-+0**
32
25+2.5
53 x 80
5054-+0
**
32
25+4
53 x 105
5033-+0
**
32
25+5
53 x 105
5034-+0
**
32
25+8
53 x 105
5051-+0
**
32
30+3
53 x 105
5073-+0**
32
30+4
53 x 105
5036-+0**
32
30+5
53 x 105
5037-+0
**
32
30+8
53 x 105
5080-+0
**
32
30+12
53 x 105
5072-+0
**
32
30+15
63.5 x 105
5067-+0
**
28
35+5
53 x 105
5040-+0
**
32
40+3
53 x 105
5091-+0**
32
40+4
53 x 105
5090-+0**
32
40+10
63.5 x 105
5043-+0
**
28
Notes for ordering code:
1.
Replace
* for the version, A (Epcos India design) or B (Icotron design), according to the drawings on pages 3 and 4
2.
Replace + for capacitance tolerance: - J-
±5%, E- ±6%, K- ±10%
3.
Replace
** for can
50 - Aluminum can
70 - Aluminum can with stud
M 8 fixing threaded bolt for
≤ φ 53mm.
M12 fixing threaded bolt for
φ 63.5mm.
 EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto
and the information contained therein without EPCOS' prior express consent is prohibited.
The information contained in this data sheet describes the type of component and shall not be considered as guaranteed
characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the
Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers'
Association), unless otherwise agreed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com