Electronic Components Datasheet Search
  English  ▼

X  

B32343 Datasheet(PDF) 7 Page - EPCOS

Part # B32343
Description  Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343 Datasheet(HTML) 7 Page - EPCOS

  B32343 Datasheet HTML 1Page - EPCOS B32343 Datasheet HTML 2Page - EPCOS B32343 Datasheet HTML 3Page - EPCOS B32343 Datasheet HTML 4Page - EPCOS B32343 Datasheet HTML 5Page - EPCOS B32343 Datasheet HTML 6Page - EPCOS B32343 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Capacitors for Power Factor Correction
B32343 / B32344
PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data
Drawings
B32343
B32344
SIGUT terminal
KLK1714-X-E
M12
Marking
Torque T = 10 Nm
16.8±0.5
Tightening torque = 1.2 Nm
1
d
 EPCOS AG 2003. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers' Association), unless otherwise agreed.
FK PM PFC
24. Feb. 2003
Page 7 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com