Electronic Components Datasheet Search
  English  ▼

X  

KOCMM Datasheet(PDF) 1 Page - TUK Ltd

Part # KOCMM
Description  Fibre Keystone Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

KOCMM Datasheet(HTML) 1 Page - TUK Ltd

  KOCMM Datasheet HTML 1Page - TUK Ltd KOCMM Datasheet HTML 2Page - TUK Ltd KOCMM Datasheet HTML 3Page - TUK Ltd KOCMM Datasheet HTML 4Page - TUK Ltd KOCMM Datasheet HTML 5Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fibre Keystone Coupler
KOCMM
KOCSM
KOLMMDX
KOTSM
KOLSMDX
KOTMM
Fibre Keystone Coupler (KOCMM, KOCSM, KOLMM, KOLSM, KOTMM and KOTSM)
Our new range of fibre couplers extends our selection of multimedia adapters. These female to female
keystone couplers with their standardised dimensions can be used for easy snap-in mounting in a keystone
patch panel, faceplate or surface-mount box. Their range now consists of couplers for the six of the most
popular fibre connectors (SC, ST and LC) in both black and white. The compact design allows fitting 24
keystone couplers in a 1U keystone patch panel.
Features
Fibre female to female keystone couplers as follows:
o
SC to SC multi-mode simplex
o
SC to SC single mode simplex
o
LC to LC multi-mode duplex
o
LC to LC single-mode duplex
o
ST to ST multi-mode simplex
o
ST to ST single-mode simplex
Designed to fit industry standard keystone outlets and patch panels
Black and white versions available to match panel or faceplate colour
Available as part of our innovative new panel mount coupler, designed for easy mounting on panels
of virtually any thickness http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=180


Similar Part No. - KOCMM

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
KOCMMDIN TUK-KOCMMDIN Datasheet
708Kb / 3P
DIN rail mountable connector range
KOCMMDPM TUK-KOCMMDPM Datasheet
1Mb / 3P
D UNIVERSAL RANGE
KOCMMDPM TUK-KOCMMDPM Datasheet
2Mb / 4P
D UNIVERSAL RANGE
February, 2016
KOCMMPM TUK-KOCMMPM Datasheet
1Mb / 3P
PANEL MOUNT CONNECTORS RANGE
More results

Similar Description - KOCMM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P164000KJWH TRIPPLITE-P164000KJWH Datasheet
502Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F-F)
A230-001-KP TRIPPLITE-A230-001-KP Datasheet
163Kb / 2P
BNC All-in-One Keystone/Panel Mount Coupler (F/F), 75 Ohms
N455-000-BL-KJ TRIPPLITE-N455-000-BL-KJ Datasheet
162Kb / 2P
Duplex Multimode Fiber Coupler, Keystone Jack - LC to LC, Blue
N455-000-WH-KJ TRIPPLITE-N455-000-WH-KJ Datasheet
157Kb / 2P
Duplex Multimode Fiber Coupler, Keystone Jack - LC to LC, White
U325-000-KP-BK TRIPPLITE-U325-000-KP-BK Datasheet
169Kb / 2P
USB 3.0 All-in-One Keystone/Panel Mount Coupler (F/F), Black
U060-000-KP-BK TRIPPLITE-U060-000-KP-BK Datasheet
170Kb / 2P
USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), Black
U060-000-KP-WH TRIPPLITE-U060-000-KP-WH Datasheet
158Kb / 3P
USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), White
P164-000-KJ-WH TRIPPLITE-P164-000-KJ-WH Datasheet
160Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F/F)
P164-000-KPA-BK TRIPPLITE-P164-000-KPA-BK Datasheet
172Kb / 2P
HDMI All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
P164-000-KP-BK TRIPPLITE-P164-000-KP-BK Datasheet
174Kb / 2P
HDMI All-in-One Keystone/Panel Mount Coupler (F/F), Black
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com