Electronic Components Datasheet Search
  English  ▼

X  

KOCSM Datasheet(PDF) 4 Page - TUK Ltd

Part # KOCSM
Description  Fibre Keystone Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

KOCSM Datasheet(HTML) 4 Page - TUK Ltd

  KOCSM Datasheet HTML 1Page - TUK Ltd KOCSM Datasheet HTML 2Page - TUK Ltd KOCSM Datasheet HTML 3Page - TUK Ltd KOCSM Datasheet HTML 4Page - TUK Ltd KOCSM Datasheet HTML 5Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TUK Ltd, Unit 4, Wimbledon Stadium Business Centre, Riverside Road, London, SW17 0BA
Tel: 020 8946 6688 Fax: 020 8879 7410 Email: sales@tuk.co.uk Website: www.tuk.co.uk
TUK
Code:KOLMMDX, KOLSMDX
ROHS Compliant
13/01/15
Specifications:
1. Colour: KOLMMDX beige, KOLSMDX blue
2. Alignment Sleeve: KOLMMDX PhBr, KOLSMDX Zr02
3.Insertion Loss: 0.20dB MAX
4.Durability (500 MATINGS): 0.15dB MAX INCREASE
5.Retention force: 100~250 Grams
6.Operating Temperature: -40°C~+80° C
Keystone Adaptor Material: ABS UL94V-0,
available in white or black
23.3mm
14.7mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com