Electronic Components Datasheet Search
  English  ▼

X  

KOCMMPM Datasheet(PDF) 3 Page - TUK Ltd

Part # KOCMMPM
Description  PANEL MOUNT CONNECTORS RANGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

KOCMMPM Datasheet(HTML) 3 Page - TUK Ltd

  KOCMMPM Datasheet HTML 1Page - TUK Ltd KOCMMPM Datasheet HTML 2Page - TUK Ltd KOCMMPM Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TUK Ltd, Unit 4, Wimbledon Stadium Business Centre, Riverside Road, London SW17 0BA
Tel: +44 (0) 20 8946 6688 Fax: +44 (0) 20 8879 7410 Email: sales@tuk.co.uk Website: www.tuk.co.uk
TUK follows a policy of continuous improvement. All information is correct at the time of printing but may be subject to change without prior notification. Please contact TUK for formal confirmation of
current specification. HDMI and LSA-Plus are registered trademarks of HDMI Licensing and Krone (UK) Technique Ltd respectively, whose rights are acknowledged.
is a registered trademark of
TUK Limited.
Specifications:
Panel Mount Adaptor (KApma)
Front
All dimensions are in mm
Back
Kit includes coupler/connector, panel mount adaptor and 2 x round head nickel-plated steel self-tapping screws.
For specifications of couplers and sockets, see separate web pages as follows:
USB A female to B female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=182
USB2.0 A female to A female: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=224
USB2.0 A female to A female, reversible: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=247
HDMI female to female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=185
RJ12 female to female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=170
Fibre female to female couplers: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=209
Cat 6 IDC UTP jack: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=192
Cat 5e UTP and FTP female to female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=246
Cat 6 UTP and FTP female to female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=243
Cat 6A FTP jack: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=113
Cat 6A FTP female to female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=150
90˚ Cat 6 panel mount female to female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=133
BNC 50 ohm female to female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=218
BNC true 75 ohm female to female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=221
Speaker module: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=201
Cat 5e and Cat6 tool-less UTP socket: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=173
RJ12 6p6c socket: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=264
F connector female to female coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=255
UK telephone socket: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=248



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com