Electronic Components Datasheet Search
  English  ▼

X  

KPR1L Datasheet(PDF) 1 Page - TUK Ltd

Part # KPR1L
Description  Euro Style Faceplates and Outlets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

KPR1L Datasheet(HTML) 1 Page - TUK Ltd

  KPR1L Datasheet HTML 1Page - TUK Ltd KPR1L Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
'Euro Style' Faceplates and Outlets
'Euro Style' Faceplates and Outlets KPH1L, KPJ2L, KPL4L, KPR0.5L, KPR1L
The TUK ‘Euro Style’ 25x50 range of modules and faceplates are manufactured in flame retardant, UV
Stable white in high gloss finish. Their standardised dimensions make them compatible with the vast
majority of data modules used on the UK market and they are complemented by our range of adaptors for
keystones. The faceplates are supplied with fixing screws for installation.
Features
Flame retardant
UV stable
Specifications
Colour: UK standard colour BT1p white in high gloss finish
Material: ABS
Faceplate for one snap-in 'Euro' type module (KPH1L)
Weight: 26g
Dimensions: 86 x 86 x 9.5mm
Inner dimensions: 50 x 25 mm
Faceplate for two snap-in 'Euro' type modules (KPJ2L)
Weight: 24 g
Dimensions: 86 x 86 x 9.5
Inner dimensions: 50 x 50 (outlet)


Similar Part No. - KPR1L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
KPR102 CML-KPR102 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Visual Communications C...
KPR102 VCC-KPR102 Datasheet
26Kb / 1P
Single Bayonet Base
logo
Chicago Miniature Lamp,...
KPR103 CML-KPR103 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Visual Communications C...
KPR103 VCC-KPR103 Datasheet
26Kb / 1P
Single Bayonet Base
logo
Energizer
KPR104 ENERGIZER-KPR104 Datasheet
30Kb / 1P
Essential??Torches
More results

Similar Description - KPR1L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101750 ETC2-AX101750 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex MDVO Style Insert 2-port, Flush
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102248 ETC2-AX102248 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102410 ETC2-AX102410 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style Insert 2-port, Flush
AX102412 ETC2-AX102412 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style insert 2-port, Angled
AX103258 ETC2-AX103258 Datasheet
109Kb / 4P
Faceplates and Panels - HD Patch Panel - HD-Style
AX103259 ETC2-AX103259 Datasheet
109Kb / 3P
Faceplates and Panels - CAT5E HD Patch Panel - HD-Style
AX103260 ETC2-AX103260 Datasheet
109Kb / 4P
Faceplates and Panels - HD Patch Panel - HD-Style
AX103261 ETC2-AX103261 Datasheet
110Kb / 4P
Faceplates and Panels - HD Patch Panel - HD-Style
logo
Belden Inc.
AX103264 BELDEN-AX103264 Datasheet
111Kb / 3P
Faceplates and Panels - 10GX Ultra-High Density PP- UHD Style
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com