Electronic Components Datasheet Search
  English  ▼

X  

B32427 Datasheet(PDF) 5 Page - EPCOS

Part # B32427
Description  AC Film Capacitors Lighting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32427 Datasheet(HTML) 5 Page - EPCOS

  B32427 Datasheet HTML 1Page - EPCOS B32427 Datasheet HTML 2Page - EPCOS B32427 Datasheet HTML 3Page - EPCOS B32427 Datasheet HTML 4Page - EPCOS B32427 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AC Film Capacitors
B 32 427
Lighting
Issue No. 1
10/00
Page 5 of 5
UN
Vac
CN
µF
Max. dimensions
d x l (mm)
Ordering code
Packing unit (pcs.)
450
2
25 x 58
B32427-A6205-+0$*
112
3
25 x 58
B32427-A6305-+0$*
112
4
30 x 58
B32427-A6405-+0$*
112
5
35 x 58
B32427-A6505-+0$*
84
6
35 x 58
B32427-A6605-+0$*
84
8
35 x 70
B32427-A6805-+0$*
84
10
35 x 70
B32427-A6106-+0$*
84
Notes for ordering code:
+ Replace for capacitance tolerance
J -
± 5%
K-
± 10%
$ Replace for construction
1 - Plastic case FRPP (UL94 V-1)
3 - Plastic case FRPP and M8 bolt
* Replace for wire lengths
1 / 2 65mm / 65mm with resistor
3 / 4 100mm / 100mm with resistor
5 / 6 150mm / 150mm with resistor
7 / 8 200mm / 200mm with resistor
9 / 0 250mm / 250mm with resistor
For special products ordering codes will be alloted by using the last two digits ( $ *).
 EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto
and the information contained therein without EPCOS' prior express consent is prohibited.
The information contained in this data sheet describes the type of component and shall not be considered as guaranteed
characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the
Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers'
Association), unless otherwise agreed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com