Electronic Components Datasheet Search
  English  ▼

X  

BAT54SW Datasheet(PDF) 2 Page - Won-Top Electronics

Part # BAT54SW
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BAT54SW Datasheet(HTML) 2 Page - Won-Top Electronics

  BAT54SW Datasheet HTML 1Page - Won-Top Electronics BAT54SW Datasheet HTML 2Page - Won-Top Electronics BAT54SW Datasheet HTML 3Page - Won-Top Electronics BAT54SW Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54W / AW / CW / SW
2 of 4
© 2006 Won-Top Electronics
Maximum Ratings and Electrical Characteristics, Single Diode @T
A=25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
30
—
—
V
@ IRS = 100µA
Forward Voltage
VF
——
240
320
400
500
1000
mV
tp < 300µs, duty cycle < 2%
@ IF = 0.1mA
@ IF = 1mA
@ IF = 10mA
@ IF = 30mA
@ IF = 100mA
Reverse Leakage Current
IR
——
2.0
µA
tp < 300µs, duty cycle < 2%
@ VR = 25V
Junction Capacitance
Cj
—
—
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
——
5.0
nS
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100




Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com