Electronic Components Datasheet Search
  English  ▼

X  

A1606 Datasheet(PDF) 1 Page - EPCOS

Part # A1606
Description  AC Film Capacitors Lighting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

A1606 Datasheet(HTML) 1 Page - EPCOS

  A1606 Datasheet HTML 1Page - EPCOS A1606 Datasheet HTML 2Page - EPCOS A1606 Datasheet HTML 3Page - EPCOS A1606 Datasheet HTML 4Page - EPCOS A1606 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC Film Capacitors
B 32436
Lighting
Issue No. 2
07/01
Page 1 of 5
Construction
Dielectric: polypropylene film
Aluminium can
Soft polyurethan resin
Internal dischage resistor
Overpressure disconnector
Features
Self-healing properties
Low dissipation factor
High insulation resisitance
Typical applications
For general sine wave applications,
mainly as series and parallel connection
lighting capacitors.
Terminals
Single tag 2,8 mm ; Push-in terminals
Mounting parts
Metal stud (max. torque = 5 Nm)
Technical data and specifications
Standard
IEC /EN 61048/61049
Rated capacitance CN
3 .. 60 µF
Tolerance
± 5%, ±10%
Rated voltage UN
250 ... 450 Vac
Rated frequency fN
50...60Hz
Life expectance
10 years
Maximum ratings
Maximum permissible voltage Umax
1,1 x UN (UN: rated voltage)
Maximum permissible current Imax
1,3 x IN (IN : rated current)
Test data
AC test voltage terminal to terminal UTT
2,0 x UN , 60 s
Insulation voltage terminals to case
2000 Vac, 60 s.
Insulation resistance Ris or time constant τ at 20 °C
3000 s
Rel. Humidity
≤ 65 °C (minimum value)
Dissipation factor tan
δ at 20 °C
≤ 1,0 x10-3 (120 Hz)
Maximum rate of voltage rise du/dtmax
10 V/
µs


Similar Part No. - A1606

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
A1600 SWITCH-A1600 Datasheet
57Kb / 1P
TT-Jax (.173) JACK PANELS
logo
NEC
A1601 NEC-A1601 Datasheet
278Kb / 8P
MONOLITHIC POWER MOSFET ARRAY
logo
Advanced Micro Devices
A160CB10VC AMD-A160CB10VC Datasheet
1Mb / 52P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
A160CB10VD AMD-A160CB10VD Datasheet
1Mb / 52P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
A160CB10VF AMD-A160CB10VF Datasheet
1Mb / 52P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results

Similar Description - A1606

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32325 EPCOS-B32325 Datasheet
354Kb / 4P
AC Film Capacitors Lighting
B32326 EPCOS-B32326 Datasheet
332Kb / 5P
AC Film Capacitors Lighting
B32427 EPCOS-B32427 Datasheet
202Kb / 5P
AC Film Capacitors Lighting
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
Film capacitors - AC capacitors
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
Film capacitors - AC capacitors
logo
TDK Electronics
B32355 TDK-B32355 Datasheet
262Kb / 7P
Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
Film Capacitors ??AC Capacitors
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
Film Capacitors – AC Capacitors
May 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com