Electronic Components Datasheet Search
  English  ▼

X  

B41825 Datasheet(PDF) 5 Page - EPCOS

Part # B41825
Description  Single-Ended Capacitors Low Leakage Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41825 Datasheet(HTML) 5 Page - EPCOS

  B41825 Datasheet HTML 1Page - EPCOS B41825 Datasheet HTML 2Page - EPCOS B41825 Datasheet HTML 3Page - EPCOS B41825 Datasheet HTML 4Page - EPCOS B41825 Datasheet HTML 5Page - EPCOS B41825 Datasheet HTML 6Page - EPCOS B41825 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
400 10/02
B41825
Low Leakage Current – 85 °C
Frequency factor of permissible
ripple current
I~
versus frequency
f
Equivalent series resistance
ESR
at
f = 120 Hz versus temperature T
Typical behavior
Impedance Z at
f = 10 kHz
versus temperature
T
Typical behavior
Impedance Z
versus frequency
f
Typical behavior at 20 °C
10
0
0,2
0,4
0,6
12
10
~
Ι
1,0
0,8
1,2
120 Hz
1,4
1,6
~
Ι
2,0
f
B41825
10
10 3
Hz
f
4
KAL0750-T
63 V
10 V, 16 V, 25 V
40
0_
5
10
_20
0
20
ESR
15
25 ˚C
20
ESR
30
T
25 V
63 V
B41825
100
60
40
T
˚C
KAL0751-2
22 µF/25 V
10 µF/63 V
40
10 _
_1
10 0
_20
0
20
Z
10 1
10
Ω
2
B41825
100
60
40
T
˚C
KAL0753-I
10
10
_1
10 0
2
1
10
10 3
Z
10 1
10 2
10
Ω
3
10
10 4
10 5 Hz
f
6
KAL0755-Z
10 µF/63 V
22 µF/25 V
B41825



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com