Electronic Components Datasheet Search
  English  ▼

X  

LC-30 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LC-30
Description  High Power 3-Stage Weatherproof Load Cell, RTD Surge Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LC-30 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LC-30 Datasheet HTML 1Page - Infinite Electronics International, Inc. LC-30 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Application Note: If remote sensing of the excitation signal is not done as the case of a 4 wire load cell, then you must
calibrate out the series resistance.
Specifications
Electrical Specifications
Connections
(2) Removable Screw Terminals
Stage 1 Clamping Voltage
± 90 volts
Stage 2 Resistance
3.3 ohms
Stage 3 Clamping Voltage
± 30 volts
Mechanical Specifications
Enclosure Material
Dark Gray ABS
Ground Lug
10 AWG Max.
Operating Temperature
-40 C (-40 F) to +80 C (+176 F)
Weight
.38 lbs. (.17 kg)
Dimensions
6.3 x 3.15 x 2.17 (in) 160 x 80 x 55 (mm)
RoHS Compliant
Yes
Please call for other clamping voltages in the case of 5V or 10V excitation voltage.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com