Electronic Components Datasheet Search
  English  ▼

X  

SSR8045CTN Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR8045CTN
Description  80 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR8045CTN Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR8045CTN Datasheet HTML 1Page - Solid States Devices, Inc SSR8045CTN Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SSR8045CTN

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR8045CT-3 SSDI-SSR8045CT-3 Datasheet
37Kb / 2P
80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CT/3 SSDI-SSR8045CT/3 Datasheet
37Kb / 2P
80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
80A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTS1 SSDI-SSR8045CTS1 Datasheet
114Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTS2 SSDI-SSR8045CTS2 Datasheet
114Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
More results

Similar Description - SSR8045CTN

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR4045CT-61 SSDI-SSR4045CT-61 Datasheet
209Kb / 2P
10 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CT-3 SSDI-SSR4045CT-3 Datasheet
42Kb / 2P
40 AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
1N6660 SSDI-1N6660 Datasheet
175Kb / 2P
40 AMP, 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR8045CT-3 SSDI-SSR8045CT-3 Datasheet
37Kb / 2P
80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CTC SSDI-SSR4045CTC Datasheet
228Kb / 2P
40 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045CT-28 SSDI-SSR2045CT-28 Datasheet
205Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045CTG SSDI-SSR2045CTG Datasheet
196Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2040CT-5 SSDI-SSR2040CT-5 Datasheet
178Kb / 2P
7 AMP 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2045CT SSDI-SSR2045CT Datasheet
185Kb / 2P
20 AMP 45 VOLTS POSITIVE SCHOTTKY RECTIFIER CENTERTAP
SSR4045CTS1 SSDI-SSR4045CTS1 Datasheet
43Kb / 2P
40 AMP 45 Volts POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com