Electronic Components Datasheet Search
  English  ▼

X  

1114 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 1114
Description  TYPE N MALE STRAIGHT CRIMP RG316/LMR100
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

1114 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  1114 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.79
20.0
1.08
27.4
.047
1.19
.128
3.25
.20
5.0
.36
9.2
.56
14.2
C
A
B
C
D
43321
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
8
ANM-1114
C
ANM-1114.SLDDRW
11
11/2/10
REVISIONS
DESCRIPTION
APPROVED
REV
K.BURGNER
DATE
K.BURGNER
11/2/10
5/23/08
A
B
INITIAL RELEASE
ECN 5116: REVISED MODEL AND NEW FORMAT
11/2/10
M.AUDAS
D.FRISIELLO
11/2/10
ECN 6473: CHANGED PIN CRIMP SIZE FROM .039" TO .047"
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
10/18/12
COLOR VARIATIONS
UNDIMENSIONED FEATURES
COAXIAL
PROJECTION
RG316/LMR100
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
TYPE N MALE STRAIGHT CRIMP
1AB04-039
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
APPLICATION: LMR100, RG316, RG188, RG174.
MISCELLANEOUS:
CABLE RETENTION: 30 LBS PULL
DIELECTRIC WITHSTANDING VOLTAGE: 2500 VOLTS RMS
VOLTAGE RATING: 1500 VOLTS PEAK
FREQUENCY RANGE: DC ~ 6 GHz
IMPEDANCE: 50 OHM
ELECTRICAL:
NOTES:
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATED
CENTER CONTACT
BRASS
GOLD PLATED
OUTER CONTACT
BRASS
NICKEL PLATED
SHELL
BRASS
NICKEL PLATED
CRIMP FERRULE
BRASS
NICKEL PLATED
GASKET
RUBBER
-
INSULATOR
TEFLON
-
RETAINING RING
BRASS
NICKEL PLATED
.88
22.3
(OR SOLDER)
RECOMMENDED
CONTACT CRIMP SIZE
C
RECOMMENDED
FERRULE CRIMP SIZE
RECOMMENDED
CABLE STRIPPING


Similar Part No. - 1114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1114 ETC-1114 Datasheet
137Kb / 1P
Heyco짰 Original Strain Relief Bushings
logo
Heyco.
1114 HEYCO-1114 Datasheet
136Kb / 1P
Original Strain Relief Bushings
logo
List of Unclassifed Man...
1114 ETC-1114 Datasheet
3Mb / 32P
TORQUE PRODUCTS
1114 ETC-1114 Datasheet
163Kb / 4P
Standard Models
logo
Utica Tools
1114 UTICA-1114 Datasheet
396Kb / 2P
“Click” Type Torque Sensing Wrenches Interchangeable Head “A” Size Series
More results

Similar Description - 1114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3487 PASTERNACK-PE3487 Datasheet
261Kb / 1P
CABLE ASSEMBLY RG316/U N MALE TO N MALE
PE4385 PASTERNACK-PE4385 Datasheet
121Kb / 1P
BNC MALE CRIMP ATTACHMENT FOR RG188-DS &RG316-DS
PE4429 PASTERNACK-PE4429 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44502 PASTERNACK-PE44502 Datasheet
256Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG316-DS
logo
Adam Technologies, Inc.
RF2-02-T-21-50-G ADAM-TECH-RF2-02-T-21-50-G Datasheet
66Kb / 1P
SMA MALE CRIMP TYPE
logo
Pasternack Enterprises,...
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45154 PASTERNACK-PE45154 Datasheet
413Kb / 3P
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
PE45161 PASTERNACK-PE45161 Datasheet
414Kb / 3P
TNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
PE44416 PASTERNACK-PE44416 Datasheet
84Kb / 1P
SSMA MALE, CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE33288 PASTERNACK-PE33288 Datasheet
96Kb / 1P
CABLE ASSEMBLY, RG316-DS, N MALE TO N MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com