Electronic Components Datasheet Search
  English  ▼

X  

1202 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 1202
Description  Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

1202 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  1202 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Electrical
Impedance
50 Ohms
Frequency Range
DC ~ 11 GHz
Voltage Rating
1500 Volts Peak
Dielectic Withstanding Voltage
2500 Volts RMS
Insertion Loss
.20 dB Max.
Mechanical
Mating
5/8-24 UNEF Threading Coupling
Mating Torque
15 inch pounds (170 N.cm) Max.
Cable Attachment
Hex Braid Crimp
Center Conductor Cable Attachment
Crimp or Solder
Cable Retention
45 lbs. Pull
Material
Body
Nickel Plated Brass
Contact
Gold Plated Brass
Insulator
TFE
Ferrule
Nickel Plated Brass
Environmental
Temperature Range
-55C(-67F) to +85C(+185F)
Temperature Cycling
MIL-Std. 202 Method 102 (Test Condition C)
Weatherproof
All N-Type Connectors are Weatherproof
Moisture Resistance
MIL-Std. 202 Method 106 (Test Condition B)
Corrosion
MIL-Std. 202 Method 101 (Test Condition C)
Vibration
MIL-Std. 202 Method 204 (Test Condition B)
Altitude
MIL-Std. 202 Method 105 (Test Condition C)
RoHS Compliant
Yes


Similar Part No. - 1202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1202 VISHAY-1202 Datasheet
137Kb / 6P
Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
13-Nov-07
logo
Frontier Electronics.
1202 FRONTIER-1202 Datasheet
125Kb / 2P
RF Coated Chokes (Axial Leads)
logo
Bourns Electronic Solut...
1202 BOURNS-1202 Datasheet
362Kb / 3P
1202 Series Hardwired AC Hybrid Surge Protective Device (H-SPD)
REV. 14 - 12/19
logo
Heyco.
1202 HEYCO-1202 Datasheet
91Kb / 1P
Original Strain Relief Bushings
logo
Sensata Technologies, I...
1202 SENSATA-1202 Datasheet
220Kb / 3P
ROTARY MOTION | PRECISION SENSOR
More results

Similar Description - 1202

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06154450 AMETHERM-SM06154450 Datasheet
97Kb / 2P
Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103350 AMETHERM-SM08103350 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103370 AMETHERM-SM08103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103395 AMETHERM-SM08103395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08154410 AMETHERM-SM08154410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com