Electronic Components Datasheet Search
  English  ▼

X  

1420 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 1420
Description  TYPE N PLUG SOLDERLESS CRIMP LMR400
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

1420 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  1420 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.43
10.9
1.17
29.8
.67
17.0
.79
20.0
.20
5.0
.07
1.9
.37
9.4
RECOMMENDED
CABLE STRIPPING
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR: <1.50 @ 0~6 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
NO SOLDERING REQUIRED FOR CENTER CONDUCTOR.
RECOMMENDED
FERRULE
CRIMP SIZE
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
DIELECTRIC
TPFE
-
CENTER PIN
BRASS
GOLD PLATE
RETAINING RING
BRASS
-
GASKET
RUBBER
-
SHELL
BRASS
NICKEL PLATE
FERRULE
BRASS
NICKEL PLATE
.43
10.9
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ANM-1420
A
ANM-1420.SLDDRW
1
1
K.BURGNER
11/5/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
11/5/12
11/6/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
TYPE N PLUG SOLDERLESS CRIMP LMR400
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
1AB01-050
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
11/5/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - 1420

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1420 BOURNS-1420 Datasheet
297Kb / 2P
DC Power SPD for Photovoltaic Applications
logo
Hammond Manufacturing L...
1420 HAMMOND-1420 Datasheet
148Kb / 3P
Armoire murale en acier doux de type 1
logo
List of Unclassifed Man...
1420-1 ETC2-1420-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1420-1 KEYSTONE-1420-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
Vishay Siliconix
1420-1-502XXXX VISHAY-1420-1-502XXXX Datasheet
85Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
08-Dec-17
More results

Similar Description - 1420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPL-259-1 ETC2-CPL-259-1 Datasheet
103Kb / 2P
UHF Straight Crimp Type Plug -Crimp Contact
logo
Pomona Electronics
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73052 POMONA-73052 Datasheet
123Kb / 2P
N Type Plug, 50 Ohm, Crimp Type, Semi-Rigid 402
logo
List of Unclassifed Man...
867-W ETC2-867-W Datasheet
67Kb / 1P
Tip Plug (Insulated Solderless)
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
Solderless Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
R113082000 ETC2-R113082000 Datasheet
28Kb / 2P
STRAIGHT PLUG CRIMP TYPE
R124172123 ETC2-R124172123 Datasheet
53Kb / 2P
RIGHT ANGLE PLUG CRIMP TYPE
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
STRAIGHT PLUG CRIMP TYPE
logo
Winchester Electronics ...
1205-103-9 WINCHESTER-1205-103-9 Datasheet
110Kb / 1P
NORTHROP GRUMMAN TYPE N STRAIGHT CABLE PLUG CRIMP ATTACHMENT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com