Electronic Components Datasheet Search
  English  ▼

X  

1616 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 1616
Description  CON, N-MALE R/A CRIMP LMR600
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

1616 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  1616 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.610
15.49
.14
3.5
.36
9.1
.51
13.0
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
A
B
C
D.FRISIELLO
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
5/4/10
8
ANM-1616
D
ANM-1616.SLDDRW
11
5/4/10
REVISIONS
DESCRIPTION
APPROVED
REV
MAY OCCUR
DATE
K.BURGNER
5/4/10
5/4/10
C
D
ECN 4709: UPDATED DRAWING AND NEW FORMAT
ECN 4752: REVISED FREQUENCY RANGE TO 6 GHz
5/19/10
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
K.BURGNER
43321
COAXIAL
PROJECTION
CON, N-MALE R/A CRIMP LMR600
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
DIELECTRIC
TFE
-
CENTER PIN
BRASS
GOLD PLATE
RETAINING RING
BRASS
NICKEL PLATE
GASKET
RUBBER
-
FERRULE
BRASS
NICKEL PLATE
SCREW CAP
BRASS
NICKEL PLATE
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC ~ 6 GHz
VOLTAGE RATING: 1500 VOLTS PEAK
DIELECTRIC WITHSTANDING VOLTAGE: 2500 VOLTS RMS
PACKAGING:
COMPONENT SHALL BE PACKAGED IN QUANTITY OF 10
IN ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
MISCELLANEOUS:
CABLE RETENTION: 80 LBS. PULL.
APPLICATION: LMR600, AND EQUIVALENT.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
RECOMMENDED
CABLE STRIPPING
RECOMMENDED
FERRULE CRIMP
RoHS Compliant 
CAP
BODY
FERRULE
1.53
38.8


Similar Part No. - 1616

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1616 UTC-1616 Datasheet
39Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
logo
THOR communications
1616 THOR-1616 Datasheet
73Kb / 1P
Dead Blow Nylon Hammers
logo
List of Unclassifed Man...
1616 ETC2-1616 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
Abbatron All Rights Res...
1616 ABBATRON-1616 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
E-T-A Elektrotechnische...
1616-21-10A E-T-A-1616-21-10A Datasheet
248Kb / 4P
Thermal Automotive Circuit Breaker 1616-...
More results

Similar Description - 1616

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374003 ERNI-374003 Datasheet
46Kb / 1P
Male Con. R/3, 30 Solder
374856 ERNI-374856 Datasheet
46Kb / 1P
Male Con. R/3, 30 Solder
logo
Adam Technologies, Inc.
RF12-16-T-02-50 ADAM-TECH-RF12-16-T-02-50 Datasheet
66Kb / 1P
MMCX MALE R/A CRIMP
logo
Rosenberger Hochfrequen...
SLJ14SP-53R64R-X-00 ROSENBERGER-SLJ14SP-53R64R-X-00 Datasheet
540Kb / 2P
N R/A MALE / 4.3-10 R/A MALE
SLJ12SP-53R60R-X-00 ROSENBERGER-SLJ12SP-53R60R-X-00 Datasheet
541Kb / 2P
1/2??JUMPER N R/A MALE / 7-16 R/A MALE
SLJ14SP-53R60R-X-00 ROSENBERGER-SLJ14SP-53R60R-X-00 Datasheet
541Kb / 2P
1/4??JUMPER N R/A MALE / 7-16 R/A MALE
SLJ12SP-53M53R-X-00 ROSENBERGER-SLJ12SP-53M53R-X-00 Datasheet
81Kb / 2P
1/2"JUMPER N MALE / N R/A MALE
SLJ12SP-53R53R-X-00 ROSENBERGER-SLJ12SP-53R53R-X-00 Datasheet
550Kb / 2P
1/2"JUMPER N R/A MALE / N R/A MALE
SLJ14SP-53R53R-X-00 ROSENBERGER-SLJ14SP-53R53R-X-00 Datasheet
540Kb / 2P
N R/A MALE / N R/A MALE
SLJ38SF-53M53R-X-00 ROSENBERGER-SLJ38SF-53M53R-X-00 Datasheet
79Kb / 2P
N MALE / N R/A MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com