Electronic Components Datasheet Search
  English  ▼

X  

2906 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 2906
Description  CON, N-FEMALE CLAMP LMR900
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

2906 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  2906 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.18 55.4
5/8-24UNEF-2A
1.25[32mm]
WRENCH
COAXIAL
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC - 6GHz
DIELECTRIC WITHSTANDING VOLTAGE: 2500 V rms
INSERTION LOSS: .20dBi MAX
CABLE RETENTION: > 70 LBS. PULL
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DESCRIPTION
MATERIAL
FINISH
MAIN BODY
BRASS
NICKEL
CLAMP
BRASS
NICKEL
CENTER PIN
BRASS
SILVER
LINING PARTS
BRASS
NICKEL
O-RING
RUBBER
-
INSULATOR
PTFE
-
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ANF-2906
A
ANF-2906.SLDDRW
1
1
K.BURGNER
08/02/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
08/02/12
08/02/12
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
-
-
-
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CON, N-FEMALE CLAMP LMR900
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
08/02/12
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - 2906

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2906 POMONA-2906 Datasheet
82Kb / 1P
Size C Aluminum Box With Cover
logo
PHOENIX CONTACT
2906002 PHOENIX-2906002 Datasheet
328Kb / 7P
PT 5-HF-24DC-ST - Surge protection device
2906003 PHOENIX-2906003 Datasheet
191Kb / 5P
TC-C-PCX3-SC-A100VA20000 - Cable set
2906031 PHOENIX-2906031 Datasheet
306Kb / 28P
QUINT4-PS/1AC/24DC/1.3/PT
2017-12-20
2906031 PHOENIX-2906031 Datasheet
304Kb / 28P
QUINT4-PS/1AC/24DC/3.8/PT
2018-01-18
More results

Similar Description - 2906

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4646 PASTERNACK-PE4646 Datasheet
308Kb / 2P
N Female Connector Clamp/Solder Attachment For RG218
logo
ERNI Electronics
100103210114 ERNI-100103210114 Datasheet
72Kb / 1P
Federleiste Q/2 32 Lot female con.
logo
Pasternack Enterprises,...
PE4061 PASTERNACK-PE4061_16 Datasheet
405Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4072 PASTERNACK-PE4072_16 Datasheet
398Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4330 PASTERNACK-PE4330_17 Datasheet
408Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4372 PASTERNACK-PE4372_16 Datasheet
318Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4435 PASTERNACK-PE4435 Datasheet
108Kb / 1P
N FEMALE CLAMP ATTACHMENT
PE4439 PASTERNACK-PE4439 Datasheet
120Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT
PE4440 PASTERNACK-PE4440 Datasheet
109Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE4442-DS PASTERNACK-PE4442-DS Datasheet
291Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com