Electronic Components Datasheet Search
  English  ▼

X  

3102 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 3102
Description  N-FEMALE BULKHEAD CRIMP CONNECTOR FOR LMR100
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

3102 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  3102 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.213 5.41
.128 3.25
.413 10.5
.118 3
.200 5.08
.638
.535
SUGGESTED CUT-OUT
FOR BULKHEAD
.870 22
1.373 34.9
0-RING
H 19
.86 21.8
RECOMMENDED
FERRULE
CRIMP SIZE-1
RECOMMENDED CABLE
STRIPPING
RECOMMENDED
FERRULE
CRIMP SIZE-2
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
DESCRIPTION
MATERIAL
FINISH
CENTER PIN
BRASS
GOLD
BODY
BRASS
NICKEL
WASHER
BRASS
NICKEL
NUT
BRASS
NICKEL
0-RING
RUBBER
---
CRIMP FERRULE
BRASS
NICKEL
INSULATOR
TEFLON
---
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ANF-3102
A
ANF-3102.SLDDRW
1
1
K.BURGNER
10/31/13
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
10/31/13
10/31/13
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
N-FEMALE BULKHEAD CRIMP CONNECTOR
FOR LMR100
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
10/31/13
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - 3102

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
3102 GILWAY-3102 Datasheet
33Kb / 1P
T- Subminiature Lamps
logo
Voltage Multipliers Inc...
3102 VMI-3102 Datasheet
151Kb / 2P
200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
List of Unclassifed Man...
3102 ETC2-3102 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3102 HEYCO-3102 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Adafruit Industries
3102 ADAFRUIT-3102 Datasheet
83Kb / 1P
Mini Analog Joystick - 10K Potentiometers
More results

Similar Description - 3102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
PE4208 PASTERNACK-PE4208 Datasheet
83Kb / 1P
BNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
logo
List of Unclassifed Man...
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
logo
Pasternack Enterprises,...
PE44877 PASTERNACK-PE44877 Datasheet
266Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE4371 PASTERNACK-PE4371_16 Datasheet
357Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4442 PASTERNACK-PE4442_16 Datasheet
321Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
logo
Linx Technologies
CONN005-R58 LINX-CONN005-R58 Datasheet
278Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG158 CABLE
2-JUL-12
CONN005 LINX-CONN005 Datasheet
289Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com