Electronic Components Datasheet Search
  English  ▼

X  

B42822 Datasheet(PDF) 1 Page - EPCOS

Part # B42822
Description  Single-Ended Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B42822 Datasheet(HTML) 1 Page - EPCOS

  B42822 Datasheet HTML 1Page - EPCOS B42822 Datasheet HTML 2Page - EPCOS B42822 Datasheet HTML 3Page - EPCOS B42822 Datasheet HTML 4Page - EPCOS B42822 Datasheet HTML 5Page - EPCOS B42822 Datasheet HTML 6Page - EPCOS B42822 Datasheet HTML 7Page - EPCOS B42822 Datasheet HTML 8Page - EPCOS B42822 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
402 10/02
General-purpose grade capacitors
Standard series
Applications
I For applications where the capacitor is submitted to voltage inversion
I Audio frequency dividers
I For filtering, coupling and pulse circuits
Features
I Miniaturized dimensions
Construction
I Radial leads
I Non polarized
I Charge-discharge proof
I Aluminum case with insulating sleeve
I Stand off rubber seal
I Case with safety vent from diameter 6,3 mm
Delivery mode
Special terminal configurations and packing
I Bulk
I Taped, Ammo pack
I Cut
I Kinked
I PAPR (protection against polarity reversal)
Refer to page 503 for further details and ordering example.
KAL0707-F
B42822
Single-Ended Capacitors
Bipolar – 85 °C
B42822


Similar Part No. - B42822

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B42824 TDK-B42824 Datasheet
416Kb / 21P
Aluminum electrolytic capacitors Single-ended capacitors
More results

Similar Description - B42822

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
Single-ended capacitors
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
Single-ended capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
Single-Ended Capacitors
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
Single-ended capacitors
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com