Electronic Components Datasheet Search
  English  ▼

X  

PQ30RV21 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ30RV21
Description  Low Power-Loss Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV21 Datasheet(HTML) 5 Page - Sharp Corporation

  PQ30RV21 Datasheet HTML 1Page - Sharp Corporation PQ30RV21 Datasheet HTML 2Page - Sharp Corporation PQ30RV21 Datasheet HTML 3Page - Sharp Corporation PQ30RV21 Datasheet HTML 4Page - Sharp Corporation PQ30RV21 Datasheet HTML 5Page - Sharp Corporation PQ30RV21 Datasheet HTML 6Page - Sharp Corporation PQ30RV21 Datasheet HTML 7Page - Sharp Corporation PQ30RV21 Datasheet HTML 8Page - Sharp Corporation PQ30RV21 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
Fig.15 Ripple Rejection vs. Input Ripple
Frequency (PQ30RV2/PQ30RV21)
Fig.17 Ripple Rejection vs. Output Current
(PQ30RV2/PQ30RV21)
Fig.19 Output Peak Current vs. Dropout
Voltage (PQ30RV2/PQ30RV21)
Fig.18 Output Peak Current vs. Dropout
Voltage (PQ30RV1/PQ30RV11)
Fig.20 Output Peak Current vs. Junction
Temperature (PQ30RV1/PQ30RV11)
Fig.16 Ripple Rejection vs. Output Current
(PQ30RV1/PQ30RV11)
0
5
10
15
1.0
1.5
2.0
Tj=25˚C
R1=390
Ω,R2=2.7kΩ
Dropout voltage Vi–O (V)
–20
0
25
50
75
100
125
0.5
1.0
1.5
2.0
VIN–VO=5V
2V
0.5V
R1=390
Ω,R2=2.7kΩ
IOP:Output current when output voltage
is 95% in comparison with the initial value
Junction temperature Tj (˚C)
0
5
10
15
Tj=25˚C
R1=390
Ω,R2=2.7kΩ
Dropout voltage Vi–O (V)
3
4
0
0.2
0.4
0.6
0.8
1.0
30
50
40
60
70
80
Cref=3.3
µF
No Cref
Tj=25˚C
R1=390
Ω,R2=2.7kΩ
VIN=15V,ei(rms)=0.5V,f=120Hz
Output current IO (A)
0.1
1
10
100
Input ripple frequency f (kHz)
0
10
20
30
40
50
60
70
80
Cref=3.3
µF
No Cref
Tj=25˚C
R1=390
Ω,R2=2.7kΩ
IO=0.5A,ei(rms)=0.5V,
VIN=15V
0
0.2
0.4
0.6
0.8
1.0
30
50
40
60
70
80
Cref=3.3
µF
No Cref
Tj=25˚C
R1=390
Ω,R2=2.7kΩ
VIN=15V,ei(rms)=0.5V,f=120Hz
Output current IO (A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com