Electronic Components Datasheet Search
  English  ▼

X  

1750119 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1750119
Description  MCDNV 1,5/ 3-G1-3,81 P14THR - PCB header
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750119 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1750119 Datasheet HTML 1Page - PHOENIX CONTACT 1750119 Datasheet HTML 2Page - PHOENIX CONTACT 1750119 Datasheet HTML 3Page - PHOENIX CONTACT 1750119 Datasheet HTML 4Page - PHOENIX CONTACT 1750119 Datasheet HTML 5Page - PHOENIX CONTACT 1750119 Datasheet HTML 6Page - PHOENIX CONTACT 1750119 Datasheet HTML 7Page - PHOENIX CONTACT 1750119 Datasheet HTML 8Page - PHOENIX CONTACT 1750119 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Insulating material
LCP
Insulating material group
IIIa
CTI according to IEC 60112
175
Flammability rating according to UL 94
V0
Notes
Details for soldering processes
Processing using reflow processes in compliance with IEC
60068-2-58 or DIN EN 61760-1 (latest version)
Moisture Sensitive Level (MSL) = 1 according to IPC/JEDEC J-
STD-020-C
Dimensions
Dimensional drawing
Pitch
3.81 mm
Width [w]
12.52 mm
Height [h]
14.7 mm
Length [l]
15.2 mm
Installed height
13.3 mm
Solder pin length [P]
1.4 mm
Pin dimensions
0.8 x 0.8 mm
PCB design
Pin spacing
8.30 mm
Hole diameter
1.4 mm
Mechanical tests
Visual inspection
Specification
IEC 60512-1-1:2002-02
Result
Test passed
Dimension check
Specification
IEC 60512-1-2:2002-02
Result
Test passed
Resistance of inscriptions
Specification
IEC 60068-2-70:1995-12
Result
Test passed
Polarization and coding
Specification
IEC 60512-13-5:2006-02
Result
Test passed
MCDNV 1,5/ 3-G1-3,81 P14THR - PCB header
1750119
https://www.phoenixcontact.com/us/products/1750119
Jul 2, 2024, 6:23 AM
Page 3 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com