Electronic Components Datasheet Search
  English  ▼

X  

1809255 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1809255
Description  MSTBC 2,5/23-STZ-5,08-R - PCB connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1809255 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1809255 Datasheet HTML 1Page - PHOENIX CONTACT 1809255 Datasheet HTML 2Page - PHOENIX CONTACT 1809255 Datasheet HTML 3Page - PHOENIX CONTACT 1809255 Datasheet HTML 4Page - PHOENIX CONTACT 1809255 Datasheet HTML 5Page - PHOENIX CONTACT 1809255 Datasheet HTML 6Page - PHOENIX CONTACT 1809255 Datasheet HTML 7Page - PHOENIX CONTACT 1809255 Datasheet HTML 8Page - PHOENIX CONTACT 1809255 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact connection type: Socket, number of potentials: 23, number of rows:
1, number of positions: 23, number of connections: 23, product range: MSTBC 2,5/..-STZ-RF,
pitch: 5.08 mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °,
locking clip: - without locking clip, plug-in system: COMBICON MSTB 2,5, locking: Snap-in
locking, mounting: Self-locking flange, type of packaging: packed in cardboard, Corresponding
female crimp contacts with current [A] and conductor cross section range [mm2] data:
10A/MSTBC-MT 0,5-1,0 (3190564); 10A/MSTBC-MT 0,5-1,0 BA (3190645); 12A/MSTBC-MT
1,5-2,5 (3190551); 12A/MSTBC-MT 1,5-2,5 BA (3190658). BA = Bandkontakte
Your advantages
Inexpensive connection of large quantities of preassembled conductors
•
Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point
•
Intuitive locking mechanism prevents accidental disconnection
•
Commercial data
Item number
1809255
Packing unit
50 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
AACCEE
GTIN
4017918115135
Weight per piece (including packing)
17 g
Weight per piece (excluding packing)
16.3 g
Country of origin
PL
MSTBC 2,5/23-STZ-5,08-R - PCB connector
1809255
https://www.phoenixcontact.com/us/products/1809255
Jul 2, 2024, 6:17 AM
Page 1 (16)


Similar Part No. - 1809255

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809254 PHOENIX-1809254 Datasheet
66Kb / 5P
Printed-circuit board connector - MSTBA 2,5/20-G-5,08-LR
More results

Similar Description - 1809255

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809051 PHOENIX-1809051 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 3-STZ-5,08-R
1809064 PHOENIX-1809064 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 4-STZ-5,08-R
1809527 PHOENIX-1809527 Datasheet
164Kb / 7P
MSTBC 2,5/ 4-STZ-5,08
1809145 PHOENIX-1809145 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/12-STZ-5,08-R
1809187 PHOENIX-1809187 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/16-STZ-5,08-R
1809077 PHOENIX-1809077 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 5-STZ-5,08-R
1809080 PHOENIX-1809080 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 6-STZ-5,08-R
1809093 PHOENIX-1809093 Datasheet
145Kb / 5P
MSTBC 2,5/ 7-STZ-5,08-R
1809103 PHOENIX-1809103 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 8-STZ-5,08-R
1809640 PHOENIX-1809640 Datasheet
597Kb / 17P
MSTBC 2,5/16-STZ-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com